Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1066C50F38F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM1066C50F38F
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066C50F38F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM1066C50F38F Datasheet HTML 9Page - STMicroelectronics STM1066C50F38F Datasheet HTML 10Page - STMicroelectronics STM1066C50F38F Datasheet HTML 11Page - STMicroelectronics STM1066C50F38F Datasheet HTML 12Page - STMicroelectronics STM1066C50F38F Datasheet HTML 13Page - STMicroelectronics STM1066C50F38F Datasheet HTML 14Page - STMicroelectronics STM1066C50F38F Datasheet HTML 15Page - STMicroelectronics STM1066C50F38F Datasheet HTML 16Page - STMicroelectronics STM1066C50F38F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STM1066
DC and AC characteristics
13/20
5
DC and AC characteristics
This section summarizes the operating measurement conditions and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow are derived from tests performed under the measurement conditions summarized in
Table 4: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 11.
Waveforms
Note:
VIN assumed to be from 1.6 V to 5.5 V. No VIN means no signal on OUT pin. If there is no
VCC then there will be no VIN.
Table 4.
Operating and AC measurement conditions
Parameter
Condition
Unit
VCC supply voltage
2.7 to 5.5
V
Ambient operating temperature (TA)
–30 to 85
°C
Input rise and fall times
≤5ns
ai 13919
VCC
(VBAT)
OUT
VTH+
VTH-
VIN (5V
input
option)
EN VIL
EN VIH
INHIBIT
EN (VBUS )
Output
follows
V
~2.3V
~2.1V
in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com