Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3003R2C50 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # TMC3003R2C50
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3003R2C50 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button TMC3003R2C50 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TMC3003
PRODUCT SPECIFICATION
8
REV. 1.0.3 3/5/01
Switching Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +5V and TA = 25°C.
2. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 590Ω.
System Performance Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +5V and TA = 25°C.
2. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 590Ω.
Timing Diagram
Parameter
Conditions2
Min
Typ1
Max
Units
tD
Clock to Output Delay
VDD = Min
10
15
ns
tSKEW
Output Skew
1
2
ns
tR
Output Risetime
10% to 90% of Full Scale
2
3
ns
tF
Output Falltime
90% to 10% of Full Scale
2
3
ns
tSET
Output Settling Time
to 3%/FS
15
ns
Parameter
Conditions
2
Min
Typ
1
Max
Units
ELI
Integral Linearity Error
VDD, VREF = Nom
±0.1
±0.25
%/FS
ELD
Differential Linearity Error
VDD, VREF = Nom
±0.1
±0.25
%/FS
EDM
DAC to DAC Matching
VDD, VREF = Nom
3
10
%
EG
Absolute Gain Error
VDD, VREF = Nom
—
%/FS
TCE
Gain Error Tempco
VDD, VREF = Nom
—
PPM/°C
VOF
Output Offset Current
VDD = Max, R, G, B = 000h
20
mA
PSR
Power Supply Rejection
0.05
%/%
CLK
PIXEL DATA
& CONTROLS
OUTPUT
65-3003-03
DataN
DataN+1
DataN+2
tPWL
tS
tH
50%
3%/FS
90%
10%
tD
tSET
tF
tR
tPWH
1/fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com