Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC3003R2C80 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # TMC3003R2C80
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3003R2C80 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button TMC3003R2C80 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3003R2C80 Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
TMC3003
REV. 1.0.3 3/5/01
7
Operating Conditions
Electrical Characteristics
Notes:
1. Values shown in Typ column are typical for VDD = +5V and TA = 25°C.
2. Minimum/Maximum values with VDD = Max and TA = Min.
3. VREF = 1.235V, RLOAD = 37.5
Ω, RREF = 540Ω
Parameter
Min
Nom
Max
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fS
Conversion Rate
TMC3003-30
30
Msps
TMC3003-50
50
Msps
TMC3003-80
80
Msps
tPWH
CLK Pulsewidth, HIGH
4
ns
tPWL
CLK Pulsewidth, LOW
4
ns
ts
Input Data Setup Time
3
ns
th
Input Date Hold Time
2
ns
VREF
Reference Voltage, External
1.0
1.235
1.5
V
CC
Compensation Capacitor
0.1
µF
RL
Output Load
37.5
Ω
VIH
Input Voltage, Logic HIGH
2.0
VDD
V
VIL
Input Voltage, Logic LOW
GND
0.8
V
TA
Ambient Temperature, Still Air
0
70
°C
Parameter
Conditions3
Min
Typ1
Max
Units
IDD
Power Supply Current2
VDD = Max
TMC3003-30
100
mA
TMC3003-50
100
TMC3003-80
125
PD
Total Power Dissipation2
VDD = Max
TMC3003-30
525
mW
TMC3003-50
525
TMC3003-80
655
RO
Output Resistance
100
k
Ω
CO
Output Capacitance
IOUT = 0mA
30
pF
IIH
Input Current, HIGH
VDD = Max, VIN = 2.4V
-1
µA
IIL
Input Current, LOW
VDD = Max, VIN = 0.4V
1
µA
IREF
VREF Input Bias Current
0
±100
µA
VREF
Reference Voltage Output
1.235
V
VOC
Output Compliance
Referred to VDD
-0.4
0
+1.5
V
CDI
Digital Input Capacitance
4
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com