Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22091KHC Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # TMC22091KHC
Description  Digital Video Encoders/Layering Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC22091KHC Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button TMC22091KHC Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 16Page - Cadeka Microcircuits LLC. TMC22091KHC Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
PRODUCT SPECIFICATION
TMC22091/TMC22191
13
Control Register Definitions
Global Control Register (00)
7
6
5
4
3
2
1
0
Reserved
SRESET
PAL
LUMDIS
CHRDIS
HRESET
Reg
Bit
Name
Function
00
7-5
Reserved.
00
4
SRESET
Software reset. When LOW, resets and holds internal state machines and
disables outputs. When HIGH (normal), starts and runs state machines and
enables outputs.
00
3
PAL
Video standard select. When LOW, the NTSC standard is generated with 7.5
IRE pedestal. When HIGH, PAL standard video is generated. This bit is ignored
if Register 0E bit 7 is HIGH, enabling the 0E and 0F registers.
00
2
LUMDIS
Luminance input disable. When LOW (normal), luminance (Y) data from
external frame buffer is enabled. When HIGH, luminance (Y) data into the
TMC22x91 is forced to 0 IRE but sync pulses continue from the LUMA output.
00
1
CHRDIS
Chrominance input disable. When LOW (normal), burst and frame buffer data
into the TMC22x91 are enabled. when HIGH, burst and frame buffer data are
suppressed, enabling monochrome operation.
00
0
HRESET
Software reset enable. SRESET is forced LOW when the RESET pin is taken
LOW. State machines are reset and held. When HRESET is LOW, RESET may
be taken HIGH at any time. The TMC22x91 is enabled and a new frame is
begun with line 1, field 1 on the next PXCK after SRESET is set HIGH. The D/A
converters are powered down while RESET is LOW. When HRESET is HIGH,
a new frame is begun with line 1, field 1 on the next PXCK after RESET is taken
HIGH. SRESET is ignored. The D/A converters remain active during the reset
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com