Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2804 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2804
Description  53 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2804 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2804 Datasheet HTML 1Page - KR Electronics, Inc. 2804 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
delay
10 ns/
REF 0 s
START 24.000 000 MHz
STOP 82.000 000 MHz
Cor
PRm
CH2
S 21
log MAG
REF 0 dB
1 dB/
Cor
PRm
20 Nov 2007 18:23:47
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
.100 000 MHz
STOP 500.000 000 MHz
PRm
20 Nov 2007 18:25:20
KR Electronics
KR 2804 is a 53 MHz surface mount bandpass filter. The filter
has a passband from 24 MHz to 82 MHz. Other center frequen-
cies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Surface Mount Package
• Sharp Transition to Stopband
• >40 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2804

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2804 EMCORE-2804 Datasheet
288Kb / 2P
110 Channel CATV Professional Distribution System (PDS)
logo
Heyco.
2804 HEYCO-2804 Datasheet
102Kb / 1P
Shorty Bushings
2804 HEYCO-2804 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Abbatron All Rights Res...
2804 ABBATRON-2804 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Sealevel Systems, Inc.
2804 SEALEVEL-2804 Datasheet
655Kb / 2P
USB to 8-Port RS-232 RJ45 Serial Interface Adapter, Bus-Powered
More results

Similar Description - 2804

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2792-27 KR-2792-27 Datasheet
371Kb / 2P
27 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
2804-SMA KR-2804-SMA Datasheet
50Kb / 3P
53 MHz Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com