Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2847 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2847
Description  40 MHz lowpass filter. The filter is group delay equlized
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2847 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2847 Datasheet HTML 1Page - KR Electronics, Inc. 2847 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
.5 dB/
REF 0 dB
Cor
CH3
S13
DEL
5 ns/
REF 25 ns
START
. 100
000
MHz
STOP
40 . 000
000
MHz
Cor
Smo
8 Jul 2008 10:52:06
CH2
S31
LOG
10 dB/
REF 0 dB
START
. 030
000
MHz
STOP
200 . 000
000
MHz
Cor
Avg
16
8 Jul 2008 10:52:46
KR Electronics
KR 2847 is a 40 MHz lowpass filter. The filter is group delay
equlized. Other passband frequencies are available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
• 40 MHz Bandwidth
• Group Delay Equalized
• SIP Package
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div and 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2847

ManufacturerPart #DatasheetDescription
logo
Heyco.
2847 HEYCO-2847 Datasheet
102Kb / 1P
Shorty Bushings
logo
Adafruit Industries
2847 ADAFRUIT-2847 Datasheet
96Kb / 2P
NeoPixel Digital RGBW LED Strip - White PCB 144 LED/m - 1m
logo
KR Electronics, Inc.
2847-S KR-2847-S Datasheet
49Kb / 2P
40 MHz Bandwidth
logo
TE Connectivity Ltd
28472-1 TEC-28472-1 Datasheet
268Kb / 5P
Pistol Grip Pneumatic Handle Assembly
logo
Murata Manufacturing Co...
28472C MURATA-28472C Datasheet
133Kb / 3P
Bobbin Wound Surface Mount Inductors
More results

Similar Description - 2847

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
logo
KR Electronics, Inc.
2789 KR-2789 Datasheet
49Kb / 2P
40 MHz lowpass filter
2823-30 KR-2823-30 Datasheet
50Kb / 2P
153.6 MHz group delay equalized bandpass filter
2823-80 KR-2823-80 Datasheet
50Kb / 2P
153.6 MHz group delay equalized bandpass filter
2838-20 KR-2838-20 Datasheet
50Kb / 2P
140 MHz group delay equalized bandpass filter
2838-30 KR-2838-30 Datasheet
51Kb / 2P
140 MHz group delay equalized bandpass filter
2838-40 KR-2838-40 Datasheet
50Kb / 2P
140 MHz group delay equalized bandpass filter
2838-50 KR-2838-50 Datasheet
50Kb / 2P
140 MHz group delay equalized bandpass filter
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com