Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2850 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2850
Description  50 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2850 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2850 Datasheet HTML 1Page - KR Electronics, Inc. 2850 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
CENTER
50 . 000
000
MHz
SPAN
10 . 000
000
MHz
Cor
CH4
S31
DEL
5 ns/
REF 50 ns
Cor
Smo
17 Jul 2008 13:58:39
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
1 000 . 000
000
MHz
17 Jul 2008 14:02:43
KR Electronics, Inc.
KR 2850 is a 50 MHz surface mount bandpass filter. Other fre-
quencies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 50 MHz Bandpass Filter
• Elliptic Response
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2850

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
2850 PENTAIR-2850 Datasheet
3Mb / 52P
An uninterrupted alternating current (A/C) supply is required
logo
Heyco.
2850 HEYCO-2850 Datasheet
102Kb / 1P
Shorty Bushings
2850 HEYCO-2850 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Wiha Tools
2850 WIHA-2850 Datasheet
1Mb / 4P
Wiha Torque Product Range. The Brilliant Torque Screwdrivers.
logo
M/A-COM Technology Solu...
28500-DSH-002-C MA-COM-28500-DSH-002-C Datasheet
1Mb / 224P
Multichannel Synchronous Communications Controller
More results

Similar Description - 2850

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2792-27 KR-2792-27 Datasheet
371Kb / 2P
27 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com