Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2915 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2915
Description  60 MHz elliptic bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2915 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2915 Datasheet HTML 1Page - KR Electronics, Inc. 2915 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2915, 60 MHz Bandpass, Rev 0, May 22, 2009
CH2
S31
LOG
1 dB/
REF 0 dB
CENTER
60 . 000
000
MHz
SPAN
36 . 000
000
MHz
Cor
CH4
S31
DEL
10 ns/
REF 0 s
Cor
Smo
22 May 2009 16:06:32
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
200 . 000
000
MHz
Cor
22 May 2009 16:06:52
KR Electronics
KR Electronics part number 2915 is a 60 MHz elliptic bandpass
filter. The filter has a minimum 1 dB bandwidth of 36 MHz.
Other center frequencies and bandwidths available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
 60 MHz Bandpass
 Minimum 1 dB Bandwidth of 36 MHz
 Elliptic Response
 SMA Connectors
 Also available in surface mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2915

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2915 ADAFRUIT-2915 Datasheet
642Kb / 2P
3.5mm (1/8") 4-Pole (TRRS) Audio Jack Terminal Block
7-25-17
logo
PHOENIX CONTACT
2915067 PHOENIX-2915067 Datasheet
309Kb / 8P
ME 22,5 UTG TBUS BK - Mounting base housing
2915193 PHOENIX-2915193 Datasheet
69Kb / 2P
Electronic housing - MKDSO 2,5/ 4-L KMGY BD-ERD TS
11/05/2018
logo
Vishay Siliconix
29151E3 VISHAY-29151E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
logo
PHOENIX CONTACT
2915216 PHOENIX-2915216 Datasheet
164Kb / 5P
MSTBO 2,5/ 3 G1L THRR44 BK
More results

Similar Description - 2915

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
KR Electronics, Inc.
2807 KR-2807 Datasheet
371Kb / 2P
60 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2839 KR-2839 Datasheet
59Kb / 3P
25 MHz elliptic bandpass filter
2914 KR-2914 Datasheet
62Kb / 2P
450 MHz elliptic type lowpass filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2903 KR-2903 Datasheet
62Kb / 2P
140 MHz Elliptic Bandpass
2903-S KR-2903-S Datasheet
40Kb / 2P
140 MHz Elliptic Bandpass
3236 KR-3236 Datasheet
59Kb / 3P
60 MHz Bandpass Filter
2753 KR-2753 Datasheet
36Kb / 2P
KR Electronics part number 2753 is a 157.5 MHz elliptic type bandpass filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com