Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76021-R171 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 76021-R171
Description  High Current Round Edgewound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

76021-R171 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  76021-R171 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
S T A N D A R D P A R T N U M B E R S
14984 Series
High Current Round Edgewound
These high current round
edgewound resistors handle a
variety of applications includ-
ing dynamic braking, load
banks, motor starting, and
plugging. They are available in
a variety of ohm and current
ratings common to transit use.
A sturdy welded steel frame
supports the refractory insula-
tors. The frame is finished with
a zinc chromate conversion
for corrosion resistance. The
ceramic insulators separate
turns of the resistance ele-
ments from each other and the
frame. The resistance element
is a stainless steel strip, used
for its corrosion resistance,
negligible temperature coef-
ficient, and Ohms per foot vs.
current carrying capacity. The
resistance element is created
by edge-winding a stainless
strip into a continuous coil of
the proper length. Zinc plated
terminals welded to the resis-
tance element complete the
assembly.
Contact us with your spe-
cific needs.
S P E C I F I C A T I O N S
Electrical
Current Rating: Continuous cur-
rent ratings are based on a max-
imum temperature rise of 375°C
as specified by NEMA Industrial
Control Standards for bare ele-
ment resistors.
Wattage Rating: Can be found
from I2R.
Resistance Tolerance: ±10%
Special Engineering Services:
Available for ohmic values other
than those listed, mountings,
other terminal styles, all stainless
frame and terminal construction.
Ordering Information
Order using the Ward Leonard
part number from the table.
Ohmite
Continuous
Ward Leonard
Westinghouse
Part Number
Amps
Ohms
Watts
Part Number
Style Number
76021-R118
160
0.118
3021
14984-10-01
1796207
76021-R157
140
0.157
3077
14984-10-03
1796206
76021-R171
130
0.171
2889
14984-10-04
31D2615A05
76021-R285
100
0.285
2850
14984-10-07
31D2614A03
16.75"
14.9"
ø 5" max.
To see the latest in resistor
technology click on the “What’s
New” tab at ohmite.com
Check product availability at
www.ohmite.com


Similar Part No. - 76021-R171

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
76021-R171 OHMITE-76021-R171 Datasheet
128Kb / 1P
Available for ohmic values other than those listed
76021-R171 OHMITE-76021-R171 Datasheet
128Kb / 1P
High Current Round Edgewound
More results

Similar Description - 76021-R171

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
PFE2KR100E OHMITE-PFE2KR100E Datasheet
120Kb / 2P
Powr-Rib Edgewound Edgewound and Round Wire
PFE OHMITE-PFE Datasheet
337Kb / 2P
Edgewound and Round Wire
WLRD6G OHMITE-WLRD6G Datasheet
107Kb / 1P
High Current Oval Edgewound
14984 OHMITE-14984 Datasheet
128Kb / 1P
High Current Round Edgewound
HCLB OHMITE-HCLB Datasheet
388Kb / 2P
High Current Oval Edgewound
logo
Vishay Siliconix
EDGF VISHAY-EDGF Datasheet
178Kb / 6P
Edgewound Power Resistor
01-Mar-15
logo
Wurth Elektronik GmbH &...
7443762504100 WURTH-7443762504100 Datasheet
572Kb / 9P
WE-HCFT Round THT High Current Inductor
001.000
7443762504022 WURTH-7443762504022 Datasheet
571Kb / 9P
WE-HCFT Round THT High Current Inductor
001.000
7443762504047 WURTH-7443762504047 Datasheet
571Kb / 9P
WE-HCFT Round THT High Current Inductor
001.000
logo
Stackpole Electronics, ...
EWT SEI-EWT Datasheet
286Kb / 4P
Non-Flammable Edgewound Tubular Wirewound Resistor
08/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com