Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC10-R12M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AC10-R12M-RC
Description  Axial leaded type, small light weight design
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC10-R12M-RC Datasheet(HTML) 1 Page - Allied Components International

  AC10-R12M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Coated Inductors
AC10
NOMINAL
24AWG
Features
• Axial leaded type, small light weight
design.
• Special magnetic core structure
contributes to high Q and self resonant
frequencies.
• Treated with epoxy resin coating for
humidity resistance to ensure longer
life.
• Heat resistant adhesives and special
structural design for effective open
circuit measurement.
Electrical
Inductance Range: .027µh to 1000µh.
Tolerance: .027µh to 2.7µh at 20%,
and from 3.3µh to 1000µh at 10%. All
values available in tighter tolerances.
Temp. Rise: 20°C.
Ambient Temp.: 80°C.
Rated Temp Range: -20 to 100°C.
Dielectric Withstanding Voltage: 250
Volts R.M.S.
Rated Current: Based on temp rise.
Mechanical
Terminal Tensile Strength: 1.0 kg min.
Terminal Bending Strength: .3 kg min.
Physical
Marking (on reel): Manufacturers
name, Part number, Quantity,
Marking:
3 band color code.
Packaging: 5000 pieces per reel.
All specifications subject to change without notice.
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
250
230
210
190
175
160
150
150
150
150
120
120
120
100
80
66
60
54
36
32
30
28
27
26
24
22
19
18
17
15
14
12
11
10
9.5
9.0
7.0
6.5
5.5
5.2
4.7
3.5
3.0
2.7
2.6
2.5
2.2
2.1
2.0
AC10-R10M-RC
AC10-R12M-RC
AC10-R15M-RC
AC10-R18M-RC
AC10-R22M-RC
AC10-R27M-RC
AC10-R33M-RC
AC10-R39M-RC
AC10-R47M-RC
AC10-R56M-RC
AC10-R68M-RC
AC10-R82M-RC
AC10-1R0M-RC
AC10-1R2M-RC
AC10-1R5M-RC
AC10-1R8M-RC
AC10-2R2M-RC
AC10-2R7M-RC
AC10-3R3K-RC
AC10-3R9K-RC
AC10-4R7K-RC
AC10-5R6K-RC
AC10-6R8K-RC
AC10-8R2K-RC
AC10-100K-RC
AC10-120K-RC
AC10-150K-RC
AC10-180K-RC
AC10-220K-RC
AC10-270K-RC
AC10-330K-RC
AC10-390K-RC
AC10-470K-RC
AC10-560K-RC
AC10-680K-RC
AC10-820K-RC
AC10-101K-RC
AC10-121K-RC
AC10-151K-RC
AC10-181K-RC
AC10-221K-RC
AC10-271K-RC
AC10-331K-RC
AC10-391K-RC
AC10-471K-RC
AC10-561K-RC
AC10-681K-RC
AC10-821K-RC
AC10-102K-RC
.10
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
40
40
40
40
40
40
40
50
50
50
50
40
40
30
30
30
30
30
40
40
40
40
40
40
40
40
40
50
50
50
50
50
50
50
50
50
50
50
30
30
30
30
30
30
30
30
30
30
30
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
25.2
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
7.96
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
.796
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.34
0.38
0.43
0.46
0.52
0.57
0.60
0.65
0.73
0.82
0.90
1.00
1.10
1.20
1.30
1.40
1.50
2.30
2.40
2.90
3.00
4.80
5.30
5.80
7.40
8.25
9.50
14.50
16.00
18.50
20.00
22.00
29.00
30.00
32.00
35.00
40.00
42.00
46.00
52.00
700
600
550
500
450
700
650
600
540
475
425
400
300
175
160
160
145
145
145
100
95
90
80
75
70
65
100
100
80
80
50
45
60
47
42
36
24
35
30
28
25
28
26
25
24
23
22
21
20
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Dimensions:
Inches
(mm)
0.110
(2.79)
MAX.
0.177
(4.50)
MAX.
1.15
(29)
NOMINAL
1.15
(29)


Similar Part No. - AC10-R12M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC10-R12M-RC ALLIED-AC10-R12M-RC Datasheet
885Kb / 1P
Axial Coated Inductors
AC10-R12M-RC ALLIED-AC10-R12M-RC Datasheet
915Kb / 1P
Axial Coated Inductors
More results

Similar Description - AC10-R12M-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
Small size, light weight.
logo
Pomona Electronics
6863 POMONA-6863 Datasheet
95Kb / 1P
Sleek light weight design.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
Small size, light weight
NT72B HUAXINAN-NT72B Datasheet
581Kb / 1P
Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
Small size, light weight.
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
Small size, light weight.
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
Small size, light weight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com