Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2333 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 2333
Description  Microminiature Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

2333 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  2333 Datasheet HTML 1Page - RHOPOINT COMPONENTS 2333 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD, Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk
COTO TECHNOLOGY
M
M
M
M
MULTIPOLE
ULTIPOLE
ULTIPOLE
ULTIPOLE
ULTIPOLE
M
M
M
M
MICROMINIATURE
ICROMINIATURE
ICROMINIATURE
ICROMINIATURE
ICROMINIATURE
R
R
R
R
REED
EED
EED
EED
EED
R
R
R
R
RELAYS
ELAYS
ELAYS
ELAYS
ELAYS
The Coto 2300 series was designed to offer the densest packaging
available in a multipole reed relay. The size and footprint of the 2300
series compliment the 2200 and 2900 series microminiature relays.
The 1 Form C model is constructed with individual switch capsules for
the normally open and magnetically biased normally closed contacts
which are more reliable than the spring actuated 1 Form C reed switches.
Custom pin-outs as well as custom designs are available to meet
particular applications. Special designs include 1 Form B, 2 Form B,
latching, and high voltage relays.
2300 S
2300 S
2300 S
2300 S
2300 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEATURE
EATURE
EATURE
EATURE
EATURE
u
Smallest Multipole Relay: 0.056 sq. inches/pole (3 pole relay)
u
Up to 3 Form A or 2 Form C Contacts
u
Hermetically Sealed Contacts
u
Long Life / High Reliability
u
Magnetically Shielding Steel Shell
u
Optional Electrostatic Shield (on most models)
2300 Series/Microminiature Reed Relays
Dimensions in Inches (Millimeters)
Bottom
View


Similar Part No. - 2333

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
2333 SM IDEAL-TEK-2333 SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Coto Technology
2333-12-000 COTO-2333-12-000 Datasheet
632Kb / 2P
2300 SERIES MULTI-POLE REED RELAYS
logo
Littelfuse
2333.15 LITTELFUSE-2333.15 Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
2333.15XW LITTELFUSE-2333.15XW Datasheet
135Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
logo
C&D Technologies
23330 CANDD-23330 Datasheet
51Kb / 2P
Bobbin Wound Surface Mount Inductors
More results

Similar Description - 2333

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
1D-2M12G DBLECTRO-1D-2M12G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
1D-14G DBLECTRO-1D-14G Datasheet
1Mb / 4P
MICROMINIATURE SURFACE MOUNT REED RELAY
30D-1A12N1 DBLECTRO-30D-1A12N1 Datasheet
945Kb / 2P
MICROMINIATURE REED RELAYS
40R-1A12N1 DBLECTRO-40R-1A12N1 Datasheet
833Kb / 2P
MICROMINIATURE REED RELAYS
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
Reed Relays
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
Reed Relays
logo
RHOPOINT COMPONENTS
2204 RHOPOINT-2204 Datasheet
60Kb / 2P
Microminiature Reed Relays
2904 RHOPOINT-2904 Datasheet
53Kb / 2P
Microminiature Reed Relays
logo
Meder Electronic
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com