Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS40-R82K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AS40-R82K-RC
Description  Axial Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AS40-R82K-RC Datasheet(HTML) 1 Page - Allied Components International

  AS40-R82K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical
Inductance Range: .10µh to
100,000µh
Tolerance: 10% over entire range.
Tighter tolerances available.
Shielding: < 5% coupling with 2
inductors side by side at 1KHz.
Rated Current: Inductance will drop
< 10% at rated current.
Dielectric Strength: 1000 Volts
R.M.S.
Operating Temp.: -55°C to +125°C.
Packaging (bulk): 500 pieces per
bag.
Packaging (reel): 3000 pieces per
reel.
Axial Shielded Inductors
AS40
AS40-R10K-RC
.10
10
50
25.0
250
.025
1790
1790
AS40-R12K-RC
.12
10
51
25.0
250
.034
1530
1530
AS40-R15K-RC
.15
10
51
25.0
250
.037
1470
1470
AS40-R18K-RC
.18
10
50
25.0
250
.047
1300
1300
AS40-R22K-RC
.22
10
49
25.0
250
.067
1100
1100
AS40-R27K-RC
.27
10
47
25.0
250
0.11
855
855
AS40-R33K-RC
.33
10
46
25.0
250
0.13
780
780
AS40-R39K-RC
.39
10
44
25.0
250
0.18
670
670
AS40-R47K-RC
.47
10
44
25.0
235
0.25
565
565
AS40-R56K-RC
.56
10
43
25.0
210
0.33
490
490
AS40-R68K-RC
.68
10
42
25.0
190
0.45
420
420
AS40-R82K-RC
.82
10
40
25.0
180
0.59
370
370
AS40-1R0K-RC
1.0
10
44
25.0
140
0.07
1070
1070
AS40-1R2K-RC
1.2
10
44
7.90
130
0.10
895
895
AS40-1R5K-RC
1.5
10
44
7.90
115
0.12
815
815
AS40-1R8K-RC
1.8
10
44
7.90
105
0.14
775
775
AS40-2R2K-RC
2.2
10
44
7.90
100
0.19
650
650
AS40-2R7K-RC
2.7
10
44
7.90
92
0.28
535
535
AS40-3R3K-RC
3.3
10
44
7.90
85
0.35
480
480
AS40-3R9K-RC
3.9
10
44
7.90
75
0.40
450
450
AS40-4R7K-RC
4.7
10
44
7.90
70
0.55
380
380
AS40-5R6K-RC
5.6
10
44
7.90
65
0.72
335
335
AS40-6R8K-RC
6.8
10
50
7.90
55
1.02
280
280
AS40-8R2K-RC
8.2
10
50
7.90
50
1.32
250
250
AS40-100K-RC
10
10
50
7.90
46
1.62
220
220
AS40-120K-RC
12
10
55
2.50
44
2.00
200
200
AS40-150K-RC
15
10
45
2.50
49
0.80
315
250
AS40-180K-RC
18
10
45
2.50
45
0.89
300
235
AS40-220K-RC
22
10
45
2.50
41
0.96
290
220
AS40-270K-RC
27
10
45
2.50
38
1.19
260
200
AS40-330K-RC
33
10
45
2.50
34
1.37
240
190
AS40-390K-RC
39
10
50
2.50
29
1.93
205
180
AS40-470K-RC
47
10
50
2.50
27
2.11
195
175
AS40-560K-RC
56
10
40
2.50
25
2.23
190
160
AS40-680K-RC
68
10
50
2.50
21
2.70
170
150
AS40-820K-RC
82
10
50
2.50
10.5
2.44
180
140
AS40-101K-RC
100
10
50
2.50
10.0
3.12
160
120
AS40-121K-RC
120
10
55
.790
9.7
3.60
150
95
AS40-151K-RC
150
10
55
.790
8.5
4.10
140
90
AS40-181K-RC
180
10
55
.790
8.0
4.40
135
85
AS40-221K-RC
220
10
55
.790
7.5
5.00
125
80
AS40-271K-RC
270
10
55
.790
7.0
5.80
115
70
AS40-331K-RC
330
10
55
.790
6.5
6.40
110
65
AS40-391K-RC
390
10
60
.790
6.2
7.40
105
60
AS40-471K-RC
470
10
60
.790
5.7
9.50
92
58
AS40-561K-RC
560
10
60
.790
4.7
10.5
90
55
AS40-681K-RC
680
10
60
.790
4.5
11.8
80
50
AS40-821K-RC
820
10
57
.790
4.2
13.0
80
45
AS40-102K-RC
1000
10
65
.790
3.8
17.5
70
40
AS40-122K-RC
1200
10
45
.250
1.5
22.1
60
35
AS40-152K-RC
1500
10
45
.250
1.2
26.5
55
33
AS40-182K-RC
1800
10
45
.250
1.0
29.9
50
30
AS40-222K-RC
2200
10
45
.250
.97
33.8
50
27
AS40-272K-RC
2700
10
45
.250
.92
47.3
40
25
AS40-332K-RC
3300
10
45
.250
.84
53.0
40
22
AS40-392K-RC
3900
10
45
.250
.80
73.8
35
20
AS40-472K-RC
4700
10
45
.250
.74
81.6
31
19
AS40-562K-RC
5600
10
44
.250
.73
98.9
28
17
AS40-682K-RC
6800
10
40
.250
.66
111
27
16
AS40-822K-RC
8200
10
40
.250
.54
119
26
15
AS40-103K-RC
10000
10
40
.250
.47
137
24
14
Rated
Current
(mA)
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Incr.
Current
(mA)
All specifications subject to change without notice.
NOMINAL
NOMINAL
22AWG
0.410±0.02
(10.41±0.51)
0.162±0.01
(4.11±0.25)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Dimensions:
Inches
(mm)
1.15
(29)
1.15
(29)
Test Procedures: L & Q Measured with
HP4342A Q-Meter at specified
Frequency. DCR Measured on CH-301
SRF Measured on HP-4191A, HP4291B.
Physical
Marking (on part): 5 Band Color Code
per MIL-C-15305.
Marking (on reel): Manufacturers
Name, Part Number, Customers
Part Number, Invoice Number, Lot
or Data Code.
AS40-123K-RC
12000
10
30
.079
.33
143
23
13
AS40-153K-RC
15000
10
30
.079
.29
157
22
12
AS40-183K-RC
18000
10
30
.079
.28
175
21
10
AS40-223K-RC
22000
10
27
.079
.25
274
17
9
AS40-273K-RC
27000
10
27
.079
.21
308
16
8
AS40-333K-RC
33000
10
27
.079
.19
343
15
7.5
AS40-393K-RC
39000
10
27
.079
.17
376
15
6
AS40-473K-RC
47000
10
23
.079
.16
473
13
5.5
AS40-563K-RC
56000
10
23
.079
.14
512
13
5
AS40-683K-RC
68000
10
23
.079
.13
580
12
4
AS40-823K-RC
82000
10
21
.079
.12
618
11
3.5
AS40-104K-RC
100000
10
18
.079
.11
678
11
3
REVISED 08/09/08


Similar Part No. - AS40-R82K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS40-R82K-RC ALLIED-AS40-R82K-RC Datasheet
932Kb / 1P
Axial Shielded Inductors
AS40-R82K-RC ALLIED-AS40-R82K-RC Datasheet
936Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS40-R82K-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS1F CT-CTS1F Datasheet
160Kb / 1P
Shielded Inductors - Axial
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com