Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT05-R22K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # CT05-R22K-RC
Description  Ceramic Core Low Profile Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CT05-R22K-RC Datasheet(HTML) 1 Page - Allied Components International

  CT05-R22K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available in tighter tolerances.
CT05
Ceramic Core Low Profile Chip Inductors
Features
Electrical
Tolerance: 5% Across entire range, except
1.8nH & 3.9nH they are available in 10%
Test Frequency: At specified Frequency
with Test OSC @ 200mV.
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
25ºC Ambient
Resistance to Soldering Heat
Test Equipment
Physical
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
800
800
800
800
800
800
800
650
650
600
530
500
470
450
400
300
300
300
270
300
Irms
(mA)
CT05-1N8K-RC
CT05-3N9K-RC
CT05-8N2K-RC
CT05-10NK-RC
CT05-12NK-RC
CT05-15NK-RC
CT05-18NK-RC
CT05-27NK-RC
CT05-33NK-RC
CT05-39NK-RC
CT05-47NK-RC
CT05-56NK-RC
CT05-68NK-RC
CT05-82NK-RC
CT05-R10K-RC
CT05-R12K-RC
CT05-R15K-RC
CT05-R18K-RC
CT05-R22K-RC
CT05-R33K-RC
Allied
Part
Number
Inductance
(nH)
Tolerance
(%)
Min.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
1.8
3.9
8.2
10
12
15
18
27
33
39
47
56
68
82
100
120
150
180
220
330
250/1500
250/1000
250/1000
250/750
250/750
250/500
250/500
250/500
250/500
250/500
200/500
200/500
150/500
150/500
150/250
150/250
150/250
150/250
100/250
55
50
50
55
55
50
50
50
55
55
50
50
50
50
50
40
40
40
40
40
9400
6100
4800
3300
3800
2950
3100
2450
2350
2200
2000
1850
1500
1500
1200
1150
1050
950
900
800
0.03
0.06
0.08
0.08
0.10
0.10
0.13
0.23
0.28
0.33
0.39
0.39
0.40
0.44
0.64
0.68
0.80
0.90
0.98
1.45
L/QTest
Freq.
(MHz)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
650
CT05-22NK-RC
22
250/500
50
2900
0.15
10
800
800
CT05-4N7K-RC
CT05-6N8K-RC
4.7
6.8
250/1000
250/1000
50
50
5500
5500
0.06
0.08
10
10
Q
240
CT05-R27K-RC
270
150/250
40
850
1.30
10
• 0805 size suitable for pick and place
• Low Profile at 1.1mm
• Ceramic core provide high self resonant
• High Q values at high frequencies
• Ceramic core also provides excellent
thermal stability and batch consistency
Inductance Range: 1.8nH to 1000nH
Test Method: Reflow Solder the device
Solder Composition: Sn/Ag3.0/Cu0.5
Peak Temp: 260ºC ± 5ºC for 10 sec.
Test time: 6 minutes
(L/Q): HP4286A / HP4287A / Agilent E4491A
(RDC): Chen Hwa 502BC
(SRF): HP8753D / Agilent E4991
(Irms): HP4284A + HP42841A / HP4285A
+ HP42841A + HP4284A + HP42841A
Packaging: 2000 pieces per 7 inch reel
Marking: Single Dot Color Code System
REVISED 12/30/08
300
300
300
300
300
300
CT05-R39K-RC
CT05-R47K-RC
CT05-R56K-RC
CT05-R62K-RC
CT05-R68K-RC
CT05-R82K-RC
390
470
560
620
680
820
100/250
50/100
25/50
25/50
25/50
25/50
35
25
18
18
18
18
700
600
550
450
420
400
1.60
1.80
1.90
2.00
2.10
2.50
10
10
10
10
10
10
300
CT05-R75K-RC
750
25/50
18
400
2.20
10
300
CT05-1R0K-RC
1000
25/50
17
300
3.10
10
200/500
Max.
Dimensions:
Inches
(mm)
automation
frequency
Most values available in tighter tolerances
onto PCB


Similar Part No. - CT05-R22K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CT05-R22K-RC ALLIED-CT05-R22K-RC Datasheet
1Mb / 1P
Ceramic Core Low Profile Chip Inductors
More results

Similar Description - CT05-R22K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC02-1N0K-RC ALLIED-CC02-1N0K-RC Datasheet
393Kb / 1P
Ceramic Core Chip Inductors
CC05-2N8K-RC ALLIED-CC05-2N8K-RC Datasheet
392Kb / 1P
Ceramic Core Chip Inductors
LT05-R12K-RC ALLIED-LT05-R12K-RC Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-1R0K-RC ALLIED-LT20-1R0K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
logo
BRIGHT LED ELECTRONICS ...
CC02-1N0K-RC BRIGHT-CC02-1N0K-RC_10 Datasheet
396Kb / 1P
Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC02 ALLIED-CC02 Datasheet
575Kb / 2P
Ceramic Core Chip Inductors
CC03 ALLIED-CC03 Datasheet
406Kb / 1P
Ceramic Core Chip Inductors
CT05 ALLIED-CT05 Datasheet
1Mb / 1P
Ceramic Core Low Profile Chip Inductors
LT05 ALLIED-LT05 Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20 ALLIED-LT20 Datasheet
441Kb / 1P
Ferrite Core Chip Inductors Low Profile
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com