Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS03-R18J-RC Datasheet(PDF) 1 Page - Allied Components International

Part # LS03-R18J-RC
Description  Ferrite Core Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LS03-R18J-RC Datasheet(HTML) 1 Page - Allied Components International

  LS03-R18J-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ferrite Core Chip Inductors
LS03
1500
1500
1450
1400
1350
1300
1050
1200
1050
850
850
850
750
600
550
540
520
500
480
440
420
400
400
400
400
300
Features
Electrical
Inductance Range: .047uh to 10uh
Resistance to Soldering Heat
Test Equipment
Physical
IDC
(mA)
LS03-47NJ-RC
LS03-72NJ-RC
LS03-R15J-RC
LS03-R18J-RC
LS03-R22J-RC
LS03-R24J-RC
LS03-R27J-RC
LS03-R39J-RC
LS03-R47J-RC
LS03-R56J-RC
LS03-R68J-RC
LS03-R78J-RC
LS03-R82J-RC
LS03-1R0J-RC
LS03-1R2J-RC
LS03-1R5J-RC
LS03-1R8J-RC
LS03-2R2J-RC
LS03-2R7J-RC
LS03-3R3J-RC
LS03-4R7J-RC
LS03-5R6J-RC
LS03-6R8J-RC
LS03-7R8J-RC
LS03-8R2J-RC
LS03-100J-RC
Allied
Part
Number
Inductance
(uH)
Tolerance
(%)
TYP.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
.047
.072
0.15
0.18
0.22
0.24
0.27
0.39
0.47
0.56
0.68
0.78
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
4.70
5.60
6.80
7.80
8.20
10.00
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
17
17
17
17
17
17
17
17
17
17
17
17
17
18
17
17
17
17
17
17
18
18
19
17
17
19
1700
1700
1350
1150
1050
1050
1050
810
720
600
600
460
480
310
270
270
230
140
105
84
69
65
55
47
42
40
.075
0.12
0.15
0.15
0.16
0.19
0.30
0.51
0.62
0.44
0.52
0.83
0.69
0.81
0.87
1.06
1.10
1.20
1.50
1.50
2.10
2.60
3.10
3.50
3.60
4.80
Test
Freq.
(MHz)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
.034
(0.86)
(0.33)
(0.33)
(0.76)
(1.8)
(1.25)
(0.64)
(0.38)
(1.02)
(0.64)
(1.02)
0.013
0.013
0.05
0.03
0.07
.025
0.04
0.025
0.04
0.015
1200
LS03-R33J-RC
0.33
7.9
17
850
0.46
5
1500
1500
LS03-R10J-RC
LS03-R12J-RC
0.10
0.12
7.9
7.9
17
17
1650
1350
0.13
0.15
5
5
All specifications subject to change without notice.
Q
430
LS03-3R9J-RC
3.90
7.9
17
80
1.60
5
RoHS
• 0603 SMD for Auto Insertion
• Low DCR for Low Loss Application
• Excellent Solderablity Characteristics
• Highly resistant to mechanical forces
• Excellent reliability in temperature and
and climate change
Tolerance: 5% Across entire range also
Test Frequency: (L/Q) 7.9Mhz@200mv
Operating Temp: -25ºC ~ 85ºC
IDC:
Inductance drop 10% Typ. from original
value with no current
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC peak for 10 sec
Test time: 6 minutes
(L/Q):
HP4286A / HP4287A / Agilent E4991A
(DCR): Chen Hwa 502BC
(SRF):
Agilent E4991A
(IDC): HP4284A with HP42841A /HP4285A
with HP42841A
Packaging: 4000 pieces per 7 inch reel
Marking: Single Dot Color Code
REVISED 12/30/08
RoHS
Terminal wrap around:
0.15 mm min. Both Ends
available in 10% and 20%.


Similar Part No. - LS03-R18J-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LS03-R18J-RC ALLIED-LS03-R18J-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
More results

Similar Description - LS03-R18J-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC05-R12K-RC ALLIED-FC05-R12K-RC Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
Ferrite Core Chip Inductors
LS10-1R2J-RC ALLIED-LS10-1R2J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
FC05 ALLIED-FC05 Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
Ferrite Core Chip Inductors
LD05 ALLIED-LD05 Datasheet
447Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LS03 ALLIED-LS03 Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05 ALLIED-LS05 Datasheet
388Kb / 1P
Ferrite Core Chip Inductors
LS10 ALLIED-LS10 Datasheet
318Kb / 1P
Ferrite Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com