Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC02-R10K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # CC02-R10K-RC
Description  Ceramic Core Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CC02-R10K-RC Datasheet(HTML) 1 Page - Allied Components International

  CC02-R10K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available in tighter tolerances.
1360
1040
960
840
840
840
800
760
760
680
680
680
480
640
640
560
480
400
400
320
320
100
Rated
Current
(mA)
CC02-1N0K-RC
CC02-2N0K-RC
CC02-2N2K-RC
CC02-3N3K-RC
CC02-3N6K-RC
CC02-3N9K-RC
CC02-5N1K-RC
CC02-5N6K-RC
CC02-6N2K-RC
CC02-7N5K-RC
CC02-8N2K-RC
CC02-9N0K-RC
CC02-10NK-RC
CC02-11NK-RC
CC02-12NK-RC
CC02-15NK-RC
CC02-19NK-RC
CC02-24NK-RC
CC02-27NK-RC
CC02-36NK-RC
CC02-40NK-RC
CC02-43NK-RC
Allied
Part
Number
Inductance
(nh)
Tolerance
(%)
Q
Min.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
1.0
2.0
2.2
3.3
3.6
3.9
5.1
5.6
6.2
7.5
8.2
9.0
10
11
12
15
19
24
27
36
40
43
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
16
16
19
19
19
19
20
20
20
22
22
22
21
24
24
24
24
25
24
24
24
25
12700
11100
10800
7000
6800
6000
4800
4800
4800
4800
4400
4160
3900
3680
3600
3280
3040
2700
2480
2320
2240
2030
0.045
0.070
0.070
0.066
0.066
0.066
0.083
0.083
0.083
0.100
0.100
0.100
0.200
0.120
0.120
0.170
0.200
0.300
0.300
0.440
0.440
0.810
Test
Freq.
(MHz)
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
CC02 Ceramic Core Chip Inductors
RoHS
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
0.047
(1.19)
0.027
(.70)
0.026
(0.66)
0.026
(0.66)
0.14
(0.36)
0.018
(0.46)
Dimensions:
Inches
(mm)
0.009
(0.23)
0.007
(0.181)
0.020
(0.51)
Max
Max
Max
1040
CC02-1N9K-RC
1.9
250
16
11300
0.070
10
790
CC02-2N4K-RC
2.4
250
15
10500
0.068
10
640
CC02-2N7K-RC
2.7
250
16
10400
0.120
10
640
CC02-4N7K-RC
4.7
250
15
4770
0.130
10
700
CC02-4N3K-RC
4.3
250
18
6000
0.091
10
680
CC02-6N8K-RC
6.8
250
20
4800
0.083
10
480
CC02-8N7K-RC
8.7
250
18
4100
0.200
10
680
CC02-9N1K-RC
9.1
250
22
4160
0.100
10
480
CC02-9N5K-RC
9.5
250
18
4000
0.200
10
440
CC02-13NK-RC
13
250
24
3450
0.210
10
560
CC02-16NK-RC
16
250
24
3100
0.220
10
420
CC02-18NK-RC
18
250
25
3100
0.230
10
400
CC02-22NK-RC
22
250
25
2800
0.300
10
420
CC02-20NK-RC
20
250
25
3000
0.250
10
400
CC02-23NK-RC
23
250
22
2720
0.300
10
400
CC02-30NK-RC
30
250
25
2350
0.350
10
100
100
150
CC02-51NK-RC
CC02-56NK-RC
CC02-47NK-RC
51
56
47
250
250
250
25
22
20
1750
1760
2100
0.820
0.970
0.830
10
10
10
200
CC02-39NK-RC
39
250
25
2100
0.550
10
400
CC02-33NK-RC
33
250
24
2350
0.400
10
50
30
100
CC02-82NK-RC
CC02-R10K-RC
CC02-68NK-RC
82
100
68
250
250
250
20
20
22
1260
1160
1620
1.550
2.000
1.120
10
10
10
All specifications subject to change without notice.
Features
• 0402 size suitable for pick and place
• Ceramic core provide high self resonant
• High Q values at high frequncies
Electrical
Inductance Range: 1nH to 100nH
Tolerance: 10% over entrie range
Test Frequency: At specified frequency with
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
Test Equipment
(L/Q): HP4291A / HP16193A
Test Method: Reflow Solder the devide onto PCB
Physical
Packaging: 4000 pieces per 7 inch reel.
• Low Profile under .66mm
• Ceramic core also provides excellent thermal
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Total test time: 6 minutes
(SRF): HP8753D / Agilent E4991
(RDC): Chen Hwa 502BC
Irms: HP4284A + HP42841A / HP4285A +
Marking: None
automation
frequency.
and batch consistency
Most valued available tighter tolerances
Test OSC @ 200mV
25º Ambient.
Peak Temp: 260ºC ± 5ºC for 10 sec.
HP42841A
Min
REVISED 10/10/08


Similar Part No. - CC02-R10K-RC

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
CC02-R10K-RC BRIGHT-CC02-R10K-RC Datasheet
396Kb / 1P
Ceramic Core Chip Inductors
More results

Similar Description - CC02-R10K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC03-1N6K-RC ALLIED-CC03-1N6K-RC Datasheet
395Kb / 1P
Ceramic Core Chip Inductors
CC05-2N8K-RC ALLIED-CC05-2N8K-RC Datasheet
392Kb / 1P
Ceramic Core Chip Inductors
CC10-10NK-RC ALLIED-CC10-10NK-RC Datasheet
393Kb / 1P
Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC02-1N0K-RC BRIGHT-CC02-1N0K-RC_10 Datasheet
396Kb / 1P
Ceramic Core Chip Inductors
CC03-1N6K-RC BRIGHT-CC03-1N6K-RC_10 Datasheet
403Kb / 1P
Ceramic Core Chip Inductors
CC05-2N8K-RC BRIGHT-CC05-2N8K-RC_10 Datasheet
399Kb / 1P
Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC02 ALLIED-CC02 Datasheet
575Kb / 2P
Ceramic Core Chip Inductors
CC03 ALLIED-CC03 Datasheet
406Kb / 1P
Ceramic Core Chip Inductors
CC05 ALLIED-CC05 Datasheet
444Kb / 1P
Ceramic Core Chip Inductors
CC10 ALLIED-CC10 Datasheet
398Kb / 1P
Ceramic Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com