Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVM-8P Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # KVM-8P
Description  19" 1U High, Half-size Rackmount 8-port KVM Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

KVM-8P Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  KVM-8P Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC Port
8
Console Port
1
PC/Console/Daisy Chain Port
15-pin CRT, PS/2 6-pin Mini DIN keyboard, PS/2 6-pin Mini DIN
mouse
PC Selection
On Screen Display menu, hot key, push button
7 Segment LED
Bank LED x 1, PC port LED x 2
OSD Control
Yes
Scan Intervals
5~99 seconds
Keyboard Emulation
PS/2 6-pin Mini DIN
Mouse Emulation
PS/2 6-pin Mini DIN
Mouse Conversion
Console PS/2 to each PC port serial mouse
VGA Resolution
1920 x 1440
Bandwidth
200MHz
Daisy Chain Level
8 levels max.
PC Connection
120 max.
Housing/Size
Metal/19" 1U high, rackmount
Power Supply
DC 12V/1A or DC 9V/1A
Temperature
0~+40
oC (operating); -20~+60oC (storage)
Humidity
0~95%; non-condensing
Dimensions (L x W x H)
41.0 x 16.5 x 4.4 cm
PC Port
8
Console Port
1
PC/Console/Daisy Chain Port
15-pin CRT, PS/2 6-pin Mini DIN keyboard, PS/2 6-pin Mini DIN
mouse
PC Selection
On Screen Display menu, hot key, push button
7 Segment LED
Bank LED x 1, PC port LED x 2
OSD Control
Yes
Scan Intervals
5~99 seconds
Keyboard Emulation
PS/2 6-pin Mini DIN
Mouse Emulation
PS/2 6-pin Mini DIN
Mouse Conversion
Console PS/2 to each PC port serial mouse
VGA Resolution
1920 x 1440
Bandwidth
200MHz
Daisy Chain Level
8 levels max.
PC Connection
120 max.
Housing/Size
Metal/19" 1U high, rackmount
Power Supply
DC 12V/1A or DC 9V/1A
Temperature
0~+40
oC (operating); -20~+60oC (storage)
Humidity
0~95%; non-condensing
Dimensions (L x W x H)
41.0 x 16.5 x 4.4 cm
Specifications
KVM-8P
19" 1U High, Half-size Rackmount 8-port KVM
Switch
KVM Switch
Slimmest 19" 1U high, half-size rackmount 8-port KVM switch
design
Supports MS Intellimouse, Intellimouse Explorer, Logitech Net
Mouse or the other fully compatible MS mouse
Provides Console PS/2 to PC serial mouse conversion
Supports DOS, Win3.X, Win95/98/98SE/2K/ME/XP, WinNT,
Netware, SCO UNIX, HP UNIX, Linux
Hot plug - add PCs or remove connected PCs for maintenance
without powering down the KVM switch or PCs
Very high video quality - up to 1920 x 1440, bandwidth:
200MHz
No software required - easy PC selection via On Screen
Display manual, push buttons, hot keys
Supports eight characters password protection and search PC
server name
Auto scan mode for monitoring PCs and flexible scan time is
5~99 sec.
Keyboard status restored when switching PCs
LED display for easy status monitoring
Buzzer sound for switching port confirmation
Using standard VGA, keyboard, mouse cable
Built-in one extra daisy chain port and without wasting any PC
port
NO DIP switch setting needed and auto detect daisy chain
bank
Features
KVM-8P (by order)
19" 1U High, Half-size Rackmount 8-port KVM Switch
Ordering Guide


Similar Part No. - KVM-8P

ManufacturerPart #DatasheetDescription
logo
Level One
KVM-8901US LVL1-KVM-8901US Datasheet
799Kb / 4P
19 Widescreen LCD KVM Rack Console
More results

Similar Description - KVM-8P

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
KVM-9000 BOSER-KVM-9000 Datasheet
105Kb / 1P
19" 1U High, Full-size Rackmount 8-port/16-port KVM Switch with 15" LCD, keyboard, Touchpad
KVM-9000 BOSER-KVM-9000_1 Datasheet
672Kb / 24P
19??1U High, Full-size Rackmount Chassis
logo
List of Unclassifed Man...
B004-008 ETC2-B004-008 Datasheet
480Kb / 4P
8-Port 1U Rackmount KVM Switch
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
B020-U16-19-K ETC2-B020-U16-19-K Datasheet
523Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
B042-008 ETC2-B042-008 Datasheet
487Kb / 4P
8-Port 1U Rackmount USB/PS2 KVM Switch with On-Screen Display
B060-016-2 ETC2-B060-016-2 Datasheet
487Kb / 4P
16-Port (2-User) 1U Rackmount Cat5 Matrix KVM Switch
B072-008-1 ETC2-B072-008-1 Datasheet
478Kb / 4P
8-Port NetCommander 1U Rackmount Cat5 KVM Switch
B072-016-1 ETC2-B072-016-1 Datasheet
480Kb / 4P
16-Port NetCommander 1U Rackmount Cat5 KVM Switch
logo
Tripp Lite. All Rights ...
B040-008-19 TRIPPLITE-B040-008-19 Datasheet
175Kb / 5P
NetController 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com