Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRHQ20-R56M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # LRHQ20-R56M-RC
Description  Low Resistance High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LRHQ20-R56M-RC Datasheet(HTML) 1 Page - Allied Components International

  LRHQ20-R56M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LRHQ20 Low Resistance High Q Chip Inductors
Allied
Part
Number
Inductance
(
µh)
Rated
Current
(A)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
L/QTest
Freq.
0.10
1.2
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
200
100
60
50
43
38
35
31
28
25
23
20
18
16
15
14
13
0.70
.425
0.39
0.37
0.32
0.30
0.29
0.27
0.25
0.24
.225
0.19
0.18
0.17
.165
.150
1.25
1MHz/25.2MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
LRHQ20-R10M-RC
LRHQ20-1R2M-RC
LRHQ20-1R8M-RC
LRHQ20-2R2M-RC
LRHQ20-2R7M-RC
LRHQ20-3R3M-RC
LRHQ20-3R9M-RC
LRHQ20-4R7M-RC
LRHQ20-5R6M-RC
LRHQ20-6R8M-RC
LRHQ20-8R2M-RC
LRHQ20-100K-RC
LRHQ20-120K-RC
LRHQ20-150K-RC
LRHQ20-180K-RC
LRHQ20-220K-RC
LRHQ20-270K-RC
20
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
.025
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.50
1.60
1.80
2.00
2.20
2.50
2.80
3.10
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
33
39
47
56
12
11
11
10
.115
.110
.100
.085
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
LRHQ20-330K-RC
LRHQ20-390K-RC
LRHQ20-470K-RC
LRHQ20-560K-RC
10
10
10
10
3.50
3.90
4.30
4.90
All specifications subject to change without notice.
REVISED 03/19/09
1.0
100
.445
LRHQ20-1R0M-RC
20
0.50
1.5
75
0.40
LRHQ20-1R5M-RC
20
0.60
68
100
120
150
180
220
270
330
390
470
560
9
8.0
7.5
7.0
6.0
5.5
5.0
5.0
5.0
5.0
5.0
.080
.080
.075
.070
.065
.065
.065
.065
.050
.045
.040
1MHz/1MHz
1MHz/796KHz
1MHz/796KHz
1MHz/796KHz
1MHz/796KHz
1MHZ/796KHz
1MHz/796KHz
1MHz/796KHz
1MHz/796KHz
1MHz/796KHz
1MHz/796KHz
LRHQ20-680K-RC
LRHQ20-101K-RC
LRHQ20-121K-RC
LRHQ20-151K-RC
LRHQ20-181K-RC
LRHQ20-221K-RC
LRHQ20-271K-RC
LRHQ20-331K-RC
LRHQ20-391K-RC
LRHQ20-471K-RC
LRHQ20-561K-RC
10
10
10
10
10
10
10
10
10
10
10
5.50
7.00
8.00
9.30
10.2
11.8
12.5
13.0
22.0
25.0
28.0
82
8.5
.070
1MHz/1MHz
LRHQ20-820K-RC
10
6.20
Q
Min.
20
25
30
30
30
20
20
20
20
20
20
35
35
35
35
35
35
40
40
40
40
20
25
40
40
40
40
40
40
40
40
50
50
50
40
Dimensions:
Inches
(mm)
Features
• Miniture chip inductor wound on
• Wide inductance range
• Low DC resistance
Electrical
Inductance Range:
Tolerance: 20% over entire range also
Operating Temp: -25ºC ~ +85ºC
Rated Current: Max temperature rise
35ºC. Inductance drop 10% typ.
Physical
Packaging: 2000 pieces per 7 inch reel.
0.1µh ~ 560µh
Resistance to Soldering Heat
Solder Composition:
Solder Temp: 260ºC ± 5ºC for 10 sec.
Pre-Heat 150ºC, 1 minute.
Sn/Ag3.0/Cu0.5
Test Equipment
(L): HP4285A @ 1Mhz, HP4192A @ 1Khz
(RDC): Chen Hwa 502BC
Rated Current: HP4284A + HP42841A
Marking: EIA Inductance Code
available in tighter tolerances
(SRF): HP4286A
L/Q: Test OSC @ 1V
• High Q value at high frequencies
special ferrite core
(Q): HP4285A
10
10
10
10
10
40
40
40
40
40
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
1MHz/1MHz
LRHQ20-R18M-RC
LRHQ20-R27M-RC
LRHQ20-R39M-RC
LRHQ20-R56M-RC
LRHQ20-R68M-RC
LRHQ20-R82M-RC
0.18
0.27
1MHz/25.2MHz
200
0.25
0.65
1MHz/25.2MHz
200
0.25
0.60
0.39
1MHz/25.2MHz
200
0.25
0.53
0.56
1MHz/25.2MHz
160
0.25
0.53
0.68
1MHz/25.2MHz
160
0.25
0.47
0.82
1MHz/25.2MHz
120
0.25
0.45


Similar Part No. - LRHQ20-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRHQ20-R10M-RC ALLIED-LRHQ20-R10M-RC Datasheet
479Kb / 1P
Low Resistance High Q Chip Inductors
LRHQ20-R47M-RC ALLIED-LRHQ20-R47M-RC Datasheet
479Kb / 1P
Low Resistance High Q Chip Inductors
LRHQ20-R82M-RC ALLIED-LRHQ20-R82M-RC Datasheet
479Kb / 1P
Low Resistance High Q Chip Inductors
More results

Similar Description - LRHQ20-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRC10-R12M-RC ALLIED-LRC10-R12M-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
LRC20-1R0M-RC ALLIED-LRC20-1R0M-RC Datasheet
748Kb / 1P
Low Resistance Chip Inductors
LRC30-1R0M-RC ALLIED-LRC30-1R0M-RC Datasheet
762Kb / 1P
Low Resistance Chip Inductors
LRC40-R12M-RC ALLIED-LRC40-R12M-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
LRHQ30-1R0M-RC ALLIED-LRHQ30-1R0M-RC Datasheet
485Kb / 1P
Low Resistance High Q Chip Inductors
LRC30-1R0M-RC ALLIED-LRC30-1R0M-RC_10 Datasheet
769Kb / 1P
Low Resistance Chip Inductors
LRC10 ALLIED-LRC10 Datasheet
748Kb / 1P
Low Resistance Chip Inductors
LRC20L ALLIED-LRC20L Datasheet
705Kb / 1P
Low Resistance Chip Inductors
LRHQ20 ALLIED-LRHQ20 Datasheet
479Kb / 1P
Low Resistance High Q Chip Inductors
LRHQ30 ALLIED-LRHQ30 Datasheet
486Kb / 1P
Low Resistance High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com