Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD-830R Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # MPD-830R
Description  300W DC-DC ATX Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

MPD-830R Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  MPD-830R Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Output
Voltage
+5V
+12V
-12V
-5V
+3.3V
Min.
Load
2A
0.1A
0A
0A
0A
Rated
Load
25A
10A
1A
1A
8A
Max.
Load
30A
15A
2A
2A
15A
Voltage
Accuracy
4.8~5.2V
11.4~12.6V
-11.4~-12.6V
-4.75~-5.25V
3.13~3.4V
+5Vsb
0A
0.72A
1.2A
4.75~5.25V
Input Voltage
The range of input voltage is from 72~136VDC
Input Current
The maximum input current is 5A at 110VDC input
Inrush Current
Will not exceed 10A at 110VDC input cold start, 25oC
Load Range
At factory, all outputs in 60% rated load condition; the +5V output
is set to between 4.80V and 5.20V. The other outputs are checked
to be within the specified voltage accuracy range
Ripple And Noise
The peak to peak ripple and noise for +5V, +3.3V outputs are less
than 50mV, and for the other output are less than 100mV at rated
load. Measuring is done by 15MHz bandwidth limited oscilloscope
and terminated each output with a 0.47uF capacitor electrolysis
capacitor at rated load, nominal line
Line Regulation
The output line regulation for each output is less than +/-1% while
measuring at rated load and -40~-72VDC input voltage changing
Load Regulation
The output voltage load regulation is less than the values in the
following table by changing each output load +/-40% from 60%
from rated load, and keep other outputs at 60% rated load
Output Power
The total DC continuous power shall be kept within 300W ambient
temperature of 40oC below, and input voltage at 110VDC. The
maximum, total combined output power on the 3.3V and 5V rails
is 150W
Power On Signal
This TTL compatible signal (active low) is use to switch ON the
main output. When power on is disconnected from secondary
common, all outputs except +5Vsb shall turn off
Power Good Signal
When power start-up, the power good signal will increase between
100ms to 500ms after all output DC voltages are within regulation
limits
Power Fail Signal
The power fail signal will fall at least 1ms before any of the output
voltages lower than the regulation limits
Specifications
MPD-830R 300WDC-DCATXPowerSupply
DC-DC
Industrial Power Supply
Efficiency
The efficiency is higher than 65% while measuring at nominal line
and rated output
Altitude
Will operate properly at any altitude between 0 to 10,000ft
Protection
Over Voltage: For some reasons the power supply might fail to
control itself, the build-in crowbar circuit will automaticallly shut
down the outputs to avoid damaging the external circuits. The trip
point of O.V.P. circuit is around 5.7V to 7.0V
Short Circuit: The power supply will go into hiccup mode function
against short circuit or over load conditions. If the faults condition
removed, the power supply will restart automatically
Temperature
0~+70oC, -20oC can start up, derating from 50oC (operating);
-40~+75oC (storage)
Humidity
The power supply can operate from 5% humidity to 95% humidity
non-condensing at 40oC
Connectors
DC Connectors: 3 positions terminal blocks
ATX: Molex 39-01-2200 or equivalent
Disk Drive: AMP 1-480424-0 or equivalent
3.5" Floppy Driver: AMP 171822-4 or equivalent
P4: Molex 39-01-2045 or equivalent
Safety
EN 60950
EMI
EN55022 (1998) / EN55011 (1999)
EMS
IEC 61000-4-2 / IEC 61000-4-3 / IEC 61000-4-4
Dimensions
14.0 x 15.0 x 8.62 cm; Tolerance specified is +/-0.4mm between
mounting holes and +/-0.8mm for other dimensions
1.5
12.5
1.0
1.5
DC INPUT CABLE
DC OUTPUT WIRES
13.8
11.4
15.0
3.1
5.2
0.5
0.47
0.3
1.5
3.0
12.0


Similar Part No. - MPD-830R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPD-810H ETC1-MPD-810H Datasheet
110Kb / 1P
120W 10~30VDC DC/DC ATX Open Frame Power Supply
logo
BOSER Technology Co., L...
MPD-810H BOSER-MPD-810H Datasheet
99Kb / 1P
120W 10~30VDC DC-DC ATX Open Frame Power Supply
More results

Similar Description - MPD-830R

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-300-P4 TRUMPOWER-TMPC-300-P4 Datasheet
70Kb / 1P
300W ATX PC Power Supply
TMPC-300UP TRUMPOWER-TMPC-300UP Datasheet
72Kb / 1P
300W ATX PC Power Supply
logo
BOSER Technology Co., L...
BPW-830C BOSER-BPW-830C Datasheet
78Kb / 1P
300W DC-DC ATX power supply Input Range: 19~32VDC
BPW-830V BOSER-BPW-830V Datasheet
78Kb / 1P
300W DC-DC ATX power supply Input Range: -40~-72VDC
MPE-825A BOSER-MPE-825A Datasheet
88Kb / 1P
280W AC-DC ATX Power Supply
ZKS-300WX-A BOSER-ZKS-300WX-A Datasheet
65Kb / 1P
300W AC-DC ATX Power Supply supports ATX2.03
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Tumbler Technologies + ...
TMPC-300 TRUMPOWER-TMPC-300 Datasheet
35Kb / 1P
300W ATX PC Power Supply
TIPC300BE TRUMPOWER-TIPC300BE Datasheet
276Kb / 1P
300W PS/2 ATX IPC Power Supply
TIPC300G TRUMPOWER-TIPC300G Datasheet
275Kb / 1P
300W PS/2 ATX IPC Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com