Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI60-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCI60-331M-RC
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCI60-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCI60-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI60
Power Chip Inductors
Allied
Part
Number
Inductance
(
µh)
PCI60-1R0M-RC
PCI60-2R2M-RC
PCI60-3R3M-RC
PCI60-5R6M-RC
PCI60-100M-RC
PCI60-150M-RC
PCI60-220M-RC
PCI60-330M-RC
PCI60-470M-RC
PCI60-680M-RC
PCI60-101M-RC
PCI60-151M-RC
PCI60-221M-RC
PCI60-331M-RC
PCI60-471M-RC
PCI60-681M-RC
PCI60-102M-RC
1.0
2.2
3.3
5.6
10
15
22
33
47
68
100
150
220
330
470
680
1000
.011
.014
.016
.022
.032
.036
.047
.066
.087
.13
.19
.25
.38
.56
.85
1.20
1.80
Irms
(A)
DCR
Max.
(
Ω)
8.6
7.1
6.2
5.3
4.3
4.0
3.5
3.0
2.6
2.3
1.8
1.5
1.2
1.0
0.82
0.72
0.56
Tolerance
(%)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
All specifications subject to change without notice.
Isat
(A)
20
16
14
12
10
8.0
7.0
5.5
4.5
3.5
3.0
2.6
2.4
1.9
1.4
1.2
1.0
1st
2nd
3rd
Features
• High saturation current rating up to
20 Amps
• Very low DCR for low power loss
• Designed with high heat resistant
materials for reflow operation
• Wrap around terminals for excellent
solder quality and inspection
• Flat top for pick and place assembly
Electrical
Inductance Range: 4.7
µh to 1000µh.
Tolerance:
± 20% over the entire
inductance range.
Test Frequency: Inductance measured
at
100KHz, 0.1 Vrms. After soldering, push
Operating Temp. Range: i-40
° to + 85ºC
Inductance Drop:
20% typical at the
rated Isat.0 to 2000) x 10 -6
°C.
Physical
Packaging: 250 pieces per 13 inch reel.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.730
(18.54)
Max
0.500
(12.70)
0.118
(3.00)
0.600
(15.24)
Max
0.100
(2.54)
0.100
(2.54)
0.280
(7.11)
Max
0.110
(2.79)
0.490
(12.45)
Dimensions:
Inches
(mm)
SRF
(MHz)
80
80
60
40
30
22
20
15
9
8
7
6
5
4
3
2.5
2.0
TYP
Temperature Rise: T=40ºC rise
typical at Irms.
∆
• Non standard values available
REVISED 7/23/09
* Notice of marking change see “Marking” below.
Marking:
Notice: We will be changing our marking
system to the 4 character EIA code for inductance
and tolerance. For example: “101K” for 100µh 10%.


Similar Part No. - PCI60-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI60-331M-RC ALLIED-PCI60-331M-RC Datasheet
676Kb / 1P
Power Chip Inductors
More results

Similar Description - PCI60-331M-RC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com