Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIS20-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCIS20-331M-RC
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCIS20-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCIS20-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCIS20
2nd
3rd
1st
Features
• Ultraminiature size for high mounting
density.
• Minimum power loss, can help
• High energy storage and very low
• Designed with high heat resistant
• Flat top for pick and place assembly.
• Wide inductance range.
Electrical
Inductance Range: 1.0µh to 10,000µh.
Tolerance: ±20% over the entire
inductance range.
Test Frequency: Inductance measured
at 100KHz, 0.1 Vrms. Q measured at
Operating Temp.Range: i-40°C to +85ºC
Inductance Drop: 10% typical at rated
Isat.
i
t0 to 2000) x 10 -6°C.
Physical
Marking: Color Code using standard EIA
three dot system.
Packaging: 2500 pieces per 13 inch reel.
All specifications subject to change without notice.
Allied
Part
Number
PCIS20-1R0M-RC
PCIS20-1R5M-RC
PCIS20-2R2M-RC
PCIS20-3R3M-RC
PCIS20-4R7M-RC
PCIS20-6R8M-RC
PCIS20-100M-RC
PCIS20-150M-RC
PCIS20-220M-RC
PCIS20-330M-RC
PCIS20-470M-RC
PCIS20-680M-RC
PCIS20-101M-RC
PCIS20-151M-RC
PCIS20-221M-RC
PCIS20-331M-RC
PCIS20-471M-RC
PCIS20-681M-RC
PCIS20-102M-RC
PCIS20-152M-RC
PCIS20-222M-RC
PCIS20-332M-RC
PCIS20-472M-RC
PCIS20-682M-RC
PCIS20-103M-RC
Q
Min.
30
30
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
40
50
50
50
50
50
50
.040
.045
.050
.060
.065
.070
.075
.090
0.11
0.19
0.23
0.29
0.48
0.59
0.77
1.40
1.80
2.20
3.40
4.20
8.50
11.0
13.9
25.0
32.8
DCR
Max.
(Ω)
3.0
2.8
1.8
1.6
1.4
1.2
1.0
.80
.70
.60
.50
.40
.30
.26
.22
.20
.19
.18
.15
1.0
1.0
.08
.06
.04
.02
SRF
Reference
(MHz)
200
100
90
90
80
40
30
25
20
15
15
10
8.0
7.0
4.0
4.0
3.0
2.0
1.0
1.0
1.0
0.5
0.5
0.5
0.4
Inductance
(µh)
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
6800
10000
Q Test
Frequency
(KHz)
200
200
200
200
200
200
200
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Dimensions:
Inches
(mm)
0.260
(6.60)
MAX.
0.175
(4.45)
MAX.
0.120
(3.05)
0.050
(1.27)
0.115
(2.92)
MAX.
0.040
(1.02)
0.170
(4.32)
0.160
(4.06)
0.055
(1.40)
0.140
(3.56)
Temperature Rise: T=30ºC rise typical
∆
at Irms.
PCIS20-822M-RC
50
30.5
0.5
8200
100
Irms
(A)
• Magnetically Shielded
achieve longer battery life.
DCR.
.
n
o
it
a
r
e
p
o
w
o
lf
e
r
r
o
f
s
l
a
ir
e
t
a
m
200KHz from 1.0µh to 10µh and 100KHz
from 15µh to 10,000µh.
REVISED 02/06/09


Similar Part No. - PCIS20-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCIS20-331M-RC ALLIED-PCIS20-331M-RC Datasheet
341Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCIS20-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com