Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-741 Datasheet(PDF) 21 Page - BOSER Technology Co., Ltd

Part # RC-741
Description  19??4U High, Full-size Rackmount Chassis
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

RC-741 Datasheet(HTML) 21 Page - BOSER Technology Co., Ltd

Back Button RC-741 Datasheet HTML 16Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 17Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 18Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 19Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 20Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 21Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 22Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 23Page - BOSER Technology Co., Ltd RC-741 Datasheet HTML 24Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
15
3.2.4 Installation Disk Drives
The RC-741 has shock-resistant drive bay providing mounting space
for up to one removable shock-resistant drives Drive sizes can be in
eight 3.5” HDD and one 5.25” CD-ROM. 5.25” CD-ROM out of the
installed drives is accessible from the front panel.
1.
Examine the disk drive cage and locate the screws attached to it.
2.
There are four screws that hold the drive cage from the external
right side of the panel. See the figure on the right for the exact
location of these four screws. Remove these screws then gently
pull the drive cage off the chassis. You may now install the drives
at your preferred locations.
3.
Secure the mounting of all the drives before you return the drive
cage back into its original position.
4.
Mount back the screws you removed from Steps 2 and 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com