Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIT40-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCIT40-331M-RC
Description  Power Chip Shielded Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCIT40-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCIT40-331M-RC Datasheet HTML 1Page - Allied Components International PCIT40-331M-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9
12
15
16
10
14
11
12
11
13
13
17
15
15
10
13
13
13
13
60
55
55
50
45
40
35
25
22
18
16
12
9
8
6
5
4
3
2.5
*Measured at the rated current.
**Average maximum allowable current. PCIT Series inductors are designed for current
spikes as high as 2x the current rating. All specifications subject to change without notice.
Allied
Part
Number
Inductance
@0Adc(µh)
PCIT40-1R0M-RC
PCIT40-1R5M-RC
PCIT40-2R2M-RC
PCIT40-3R3M-RC
PCIT40-4R7M-RC
PCIT40-6R8M-RC
PCIT40-100M-RC
PCIT40-150M-RC
PCIT40-220M-RC
PCIT40-330M-RC
PCIT40-470M-RC
PCIT40-680M-RC
PCIT40-101M-RC
PCIT40-151M-RC
PCIT40-221M-RC
PCIT40-331M-RC
PCIT40-471M-RC
PCIT40-681M-RC
PCIT40-102M-RC
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
.50
.70
1.0
1.5
2.0
4.0
5.0
6.0
10
12
27
40
50
80
90
150
200
300
420
Max.
Switching
Freq. (MHz)
Rated
Current**
(A)
1
1
1
1
1
1
1
1
1
1
1
1
1
.5
.5
.5
.5
.5
.5
DCR
Max.
(Ω)
.025
.030
.035
.040
.045
.050
.055
.060
.084
.090
.11
.15
.29
.36
.39
.73
.88
1.15
1.45
Inductance*
(µh)
Max. Energy
Storage
(µJoules)
5.0
5.0
5.0
5.0
3.0
2.5
2.0
1.8
1.5
1.3
1.0
.90
.80
.60
.50
.40
.35
.30
.25
SRF
Typical
(MHz)
Features
• Magnetically shielded
• Designed for current spikes as high
• Wrap around terminals for excellent
• Flat top for pick and place assembly
Electrical
Inductance Range: 1.0µh 10 1000µh.
Tolerance: ± 20% over the entire
inductance range.
Test Frequency : Inductance measured
at 100KHz, 0.1Vrms.
Operating Temp. Range: i-40° to +85°C.
0 to 2000) x 10 -6°C.
Physical
Marking: Color Code using standard EIA
three dot system.
Packaging: 750 pieces per 13 inch reel.
PCIT40 Power Chip Shielded Inductors
3rd
1st
2nd
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.510
(12.95)
MAX.
0.300
(7.62)
0.200
(5.08)
MAX.
0.290
(7.37)
0.110
(2.79)
0.115
(2.92)
0.370
(9.40)
MAX.
0.100
(2.54)
0.100
(2.54)
Dimensions:
Inches
(mm)
• Cost effective miniature power
• Swinging Inductance vs current
• Non standard values available
inductor
characteristics
as twice the rated current
solderability and inspection
• Designed with high heat resistance
materials for reflow operation
Current Rating: See foot notes and graphs
-6
°
C.
Revised 03-25-08


Similar Part No. - PCIT40-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCIT40-331M-RC ALLIED-PCIT40-331M-RC Datasheet
1Mb / 2P
Power Chip Shielded Inductors
More results

Similar Description - PCIT40-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com