Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLP10-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCLP10-331M-RC
Description  Power Chip Low Profile Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCLP10-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCLP10-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Low Profile Inductors
PCLP10
Available in tighter tolerances.
Features
• Designed for applications requiring high
inductance, high current and an ultra
low profile
• Maximum height of .079 inches with
current ratings up to 2.5 amps
• Wide inductance range from 1µh to
1000µh
• Flat top for pick and place assembly
Electrical
Inductance Range: 1.0µh to 1000µh.
Tolerance: ± 20% over the entire
inductance range.
Test Frequency: Inductance measured
at 100KHz, 0.1 Vrms. After soldering, push
Operating Temp. Range: i-40° to +85°C.ll
Inductance Drop: 10% typically at the
rated Isat.0 to 2000) x 10 -6°C.
Physical
Packaging: 3500 pieces per 13 inch reel.
Allied
Part
Number
Inductance
(µh)
PCLP10-1R0M-RC
PCLP10-1R5M-RC
PCLP10-2R2M-RC
PCLP10-3R3M-RC
PCLP10-4R7M-RC
PCLP10-6R8M-RC
PCLP10-100M-RC
PCLP10-150M-RC
PCLP10-220M-RC
PCLP10-330M-RC
PCLP10-470M-RC
PCLP10-680M-RC
PCLP10-101M-RC
PCLP10-151M-RC
PCLP10-221M-RC
PCLP10-331M-RC
PCLP10-471M-RC
PCLP10-681M-RC
PCLP10-102M-RC
Irms
(A)
Tolerance
(%)
DCR
Max.
(Ω)
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
Isat
(A)
2.3
2.1
1.7
1.3
1.1
1.0
.90
.70
.50
.45
.40
.35
.30
.25
.18
.16
.12
.10
.08
2.5
2.2
1.8
1.4
1.2
1.1
1.0
0.8
0.6
0.5
.45
.35
.30
.25
.20
.16
.14
.12
.08
.05
.06
.07
.12
.15
.20
.30
.40
.54
.74
1.1
1.6
2.3
3.5
5.7
8.2
10.8
17.2
22.6
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
0.256
(6.50)
MAX.
0.079
(2.01)
MAX.
0.209
(5.31)
MAX.
0.049
(1.24)
MAX.
Dimensions:
Inches
(mm)
0.079
(2.01)
MAX.
0.100
(2.54)
0.130
(3.30)
0.070
(1.78)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Temperature Rise: T=40ºC rise
∆
typical at Irms.
All specifications subject to change without notice.


Similar Part No. - PCLP10-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCLP05 ALLIED-PCLP05 Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP05-100M-RC ALLIED-PCLP05-100M-RC Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP05-100M-RC ALLIED-PCLP05-100M-RC Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP05-101M-RC ALLIED-PCLP05-101M-RC Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP05-101M-RC ALLIED-PCLP05-101M-RC Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
More results

Similar Description - PCLP10-331M-RC

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
Low Profile Power Inductors
logo
Allied Components Inter...
PCLP05-1R2M-RC ALLIED-PCLP05-1R2M-RC Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP20-4R7M-RC ALLIED-PCLP20-4R7M-RC Datasheet
332Kb / 1P
Power Chip Low Profile Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Allied Components Inter...
PCLP05 ALLIED-PCLP05 Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP20 ALLIED-PCLP20 Datasheet
333Kb / 1P
Power Chip Low Profile Inductors
logo
Superworld Electronics
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com