Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM10-R2P-01 Datasheet(PDF) 3 Page - DDK Ltd.

Part # CM10-R2P-01
Description  One-Touch Locking Style Small Sized Circular Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM10-R2P-01 Datasheet(HTML) 3 Page - DDK Ltd.

  CM10-R2P-01 Datasheet HTML 1Page - DDK Ltd. CM10-R2P-01 Datasheet HTML 2Page - DDK Ltd. CM10-R2P-01 Datasheet HTML 3Page - DDK Ltd. CM10-R2P-01 Datasheet HTML 4Page - DDK Ltd. CM10-R2P-01 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Unit:mm
CM10 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ 2-Contact Plug
Straight Plug P/N
Right Angle Plug P/N
Cable Outside Dia.
CM10-SP2S-S(D6)
CM10-AP2S-S(D6)
φ 4.0 ∼φ 6.0
CM10-SP2S-M(D6)
CM10-AP2S-M(D6)
φ 6.0 ∼φ 9.0
CM10-SP2S-L(D6)
CM10-AP2S-L(D6)
φ 9.0 ∼φ 11.6
○ Contact of 2-Contact Plug
CM10-#22SC(C3)(D8)- □□□□
CM10-#22SC(S2)(D8)- □□□□
Reel Contact for Semi-Automatic Crimping Machine (Crimping Style Only)
Contact P/N
( 4,000 pcs on 1 reel )
Applicable Wire
Semi-Automatic Crimping Machine
Extraction Tool P/N
Conductor Size
Insulation Dia.
1set P/N
Applicator P/N
357J-50548T
CM10-#22SC(C3)(D8)-4000
16 ∼ 20AWG
φ 1.87 ∼φ 2.45
AP-A50541T
AP-A50541T-1
Loose Piece Contact
1. The packaging specification is 100 pcs of contacts per bag for sale.
2.Both of the solder contacts and the crimp contacts shall be inserted into the inserts of the connectors after soldering the contacts to
the cable or crimping the contacts with the cable.
1. Due to the construction of CM10-#22SC-(C3)(D8)-4000 you can only make the crimping process by AP50541T.
So the process of striping cable shall be made in advance.
  2. AP50541T is a set part number which includes both of the semi-automatic crimping machine and the applicator (crimper).
The semi-automatic crimping machine is required
when you terminate the reel contacts.
Item
   
Contact P/N
( 100 pcs in 1 bag )
Applicable Wire
Hand Tool P/N
Extraction Tool P/N
Conductor Size
Insulation Dia.
Crimping Type
CM10-#22SC(C3)(D8)-100
16 ∼ 20AWG
φ 1.87 ∼φ 2.45
357J-50448T
357J-50548T
Soldering Type
CM10-#22SC(S2)(D8)-100
16AWG Max.
15.6
6
15.6
6
・Contact Style : Socket
・Termination:Solder or Crimp
・The contact is sold separately.
Straight Plug
Right Angle Plug
Note: The applicable cable outside diameter is in the case of cabtyre cable.
Please contact the nearest sales office when you use a different cable.
Regarding the wiring tools, please refer to the instruction manuals attached on the top-page of this connector catalogue.
(32.5)
(51.4)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com