Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM10-R-DC Datasheet(PDF) 4 Page - DDK Ltd.

Part # CM10-R-DC
Description  One-Touch Locking Style Small Sized Circular Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM10-R-DC Datasheet(HTML) 4 Page - DDK Ltd.

  CM10-R-DC Datasheet HTML 1Page - DDK Ltd. CM10-R-DC Datasheet HTML 2Page - DDK Ltd. CM10-R-DC Datasheet HTML 3Page - DDK Ltd. CM10-R-DC Datasheet HTML 4Page - DDK Ltd. CM10-R-DC Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Unit:mm
CM10 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○ Straight Cable Receptacle
○Receptacle
・Pin contact style only
・Soldering termination only
・Conductor Size : 20 AWG Max.
・Individually waterproof
・Pin contact style only
・Soldering termination only
・Conductor Size : 20 AWG Max.
・Individually waterproof
Contact No.10 grounded to shell with ground lug
□17.26
□23.4
4-φ3.2
1.7
8.4
(7.9)
5.2
(13.6)
DDK
2
1
1
2
Main key positon mark
10 Pins
2 Pins
P/N
CM10-R10P(D3)-01
P/N
CM10-R2P(D3)-01
□17.26
□23.4
4-φ3.2
1.7
8.4
(7.9)
5.2
(13.6)
DDK
7
10
8
4
1
3
3
1
4
8
10
7
Main key positon mark
3 min.
1
0
-0.1
4-M3
Mounting Dimensions
□17.26 0.1
10 Pins
2 Pins
・Pin contact style only
・Soldering termination only
・Conductor Size : 20 AWG Max.
・Insulation Dia. : φ 1.87 Max.
P/N
Cable Outside Dia.
CM10-CR10P-S
φ 4.0 ∼φ 6.0
CM10-CR10P-M
φ 6.0 ∼φ 9.0
CM10-CR10P-L
φ 9.0 ∼φ 11.6
P/N
Cable Outside Dia.
CM10-CR2P-S
φ 4.0 ∼φ 6.0
CM10-CR2P-M
φ 6.0 ∼φ 9.0
CM10-CR2P-L
φ 9.0 ∼φ 11.6
31
10
(51.3)
(51.3)
・Pin contact style only
・Soldering termination only
・Conductor Size : 20 AWG Max.
・Contact No.10 grounded to shell with ground lug
Note: The applicable cable outside diameter is in the case of cabtyre cable. Please contact the nearest sales office when you use
a different cable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com