Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSDR73-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSDR73-331M-RC
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSDR73-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSDR73-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCSDR73
15
DCR
(Ω)
I sat
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCSDR73-R56M-RC
PCSDR73-1R5M-RC
PCSDR73-2R2M-RC
PCSDR73-2R7M-RC
PCSDR73-3R3M-RC
PCSDR73-5R6M-RC
PCSDR73-8R2M-RC
PCSDR73-100M-RC
PCSDR73-120M-RC
PCSDR73-150M-RC
PCSDR73-180M-RC
PCSDR73-220M-RC
PCSDR73-270M-RC
PCSDR73-330M-RC
0.56
1.5
2.2
2.7
3.3
5.6
8.2
10
12
15
18
22
27
33
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.0106
0.0156
0.0198
0.0254
0.0311
0.0439
0.0710
0.0787
0.0900
0.1013
0.1148
0.1284
0.1638
0.1992
10.286
6.545
5.538
4.800
4.235
3.429
2.667
2.483
2.323
2.057
1.846
1.674
1.532
1.358
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCSDR73-4R7M-RC
4.7
20
100
0.0356
3.789
PCSDR73-6R8M-RC
6.8
20
100
0.0522
3.130
(A)
PCSDR73-470M-RC
PCSDR73-560M-RC
PCSDR73-680M-RC
PCSDR73-820M-RC
47
56
68
82
20
20
20
20
100
100
100
100
0.2892
0.3594
0.4296
0.4608
1.143
1.075
0.960
0.889
PCSDR73-390M-RC
39
20
100
0.2442
1.263
PCSDR73-101M-RC
PCSDR73-121M-RC
100
120
20
20
100
100
0.6324
0.8268
0.791
0.727
PCSDR73-181M-RC
PCSDR73-221M-RC
180
220
20
20
100
100
1.1406
1.2600
0.595
0.533
PCSDR73-151M-RC
150
20
100
1.0212
0.649
PCSDR73-271M-RC
270
20
100
1.5840
0.483
REVISED 6/9/09
KHz, 0.1V
All specifications subject to change without notice.
I rms
(A)
PCSDR73-331M-RC
330
20
100
1.9080
0.442
PCSDR73-391M-RC
390
20
100
2.3700
0.402
PCSDR73-471M-RC
470
20
100
2.8320
0.369
PCSDR73-561M-RC
560
20
100
3.4980
0.338
PCSDR73-681M-RC
680
20
100
4.1640
0.306
PCSDR73-821M-RC
820
20
100
4.7160
0.278
PCSDR73-102M-RC
1000
20
100
5.2080
0.253
PCSDR73-1R0M-RC
1.0
20
100
0.0122
8.000
5.686
5.281
4.678
4.152
3.663
3.314
3.095
2.788
2.557
2.192
2.083
1.948
1.836
1.724
1.631
1.444
1.309
1.182
1.087
0.975
0.891
0.861
0.735
0.643
0.578
0.547
0.521
0.464
0.423
0.380
0.347
0.312
0.286
0.269
0.256
PCSDR73-R33M-RC
0.33
20
100
0.0088
14.400
6.243
Features
• Magnetically Shielded
• Expanded operating temp range
• Low DC Resistance
• High Energy Storage
Electrical
Test Equipment
Physical
Packaging: 1000 pieces per 13 inch reel.
• High saturation current as high as 14A
Inductance Range: .33µh to 1200µh
Tolerance: 20% entire inductance range
Test Frequency: 1KHz, 0.1V
Operating Temp: -55ºC ~ +125ºC
Irms: Current at which the
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC
Immersion time: 10 sec. +/- 1 sec.
(L):
HP 4284A LCR meter or equivalent
(RDC):
HP 4338B Millohm meter or equivalent
(IDC): 3260B WK & DC Bias 3265B WK
Marking:
EIA Inductance Code.
Available in tighter tolerances
• Low Energy Loss
• Suitable for pick and place
∆ T=40ºC
Isat: Current at which the inductance
drops 35% from initial value
Storage Temp: -40ºC ~ +85ºC
PCSDR73-122M-RC
1200
20
100
7.8916
0.230
0.208
Dimensions:
Inches
(mm)
Schematic


Similar Part No. - PCSDR73-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSDR73-331M-RC ALLIED-PCSDR73-331M-RC Datasheet
454Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCSDR73-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com