Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS10-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PS10-331M-RC
Description  Power Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PS10-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PS10-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PS10
All specifications subject to change without notice.
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
344
260
225
185
172
157
150
150
110
95
75
30
21
18
15
12
10
8.0
8.0
5.8
5.5
3.8
3.1
2.8
2.0
1.5
PS10-1R0M-RC
PS10-1R5M-RC
PS10-1R8M-RC
PS10-2R7M-RC
PS10-3R9M-RC
PS10-4R7M-RC
PS10-5R6M-RC
PS10-6R8M-RC
PS10-100M-RC
PS10-150M-RC
PS10-220M-RC
PS10-330M-RC
PS10-390M-RC
PS10-470M-RC
PS10-680M-RC
PS10-820M-RC
PS10-101M-RC
PS10-121M-RC
PS10-151M-RC
PS10-221M-RC
PS10-331M-RC
PS10-471M-RC
PS10-561M-RC
PS10-681M-RC
PS10-821M-RC
PS10-102M-RC
1.0
1.5
1.8
2.7
3.9
4.7
5.6
6.8
10
15
22
33
39
47
68
82
100
120
150
220
330
470
560
680
820
1000
26
26
28
30
30
30
30
30
30
30
33
33
33
33
33
33
33
33
33
33
33
33
33
33
23
20
3.0
2.8
2.1
1.5
1.2
1.1
1.1
.90
.82
.70
.65
.52
.46
.43
.33
.32
.31
.25
.24
.22
.20
.16
.13
.12
.10
.10
0.05
0.08
0.09
0.14
0.29
0.35
0.39
0.58
0.75
1.15
1.40
1.61
1.85
2.20
3.80
4.30
4.80
5.00
6.50
12.0
17.0
19.0
18.4
24.0
26.0
29.2
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min. @
LTest
Freq.
(Mhz)
SRF
Typ.
(Mhz)
DCR
IDC
(A)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
0.1/1
Power Shielded Inductors
Max.
1Mhz
Features
• Shielded Power Inductor
• Specially designed ferrite shield
Electrical
Inductance Range: 1µH to 1000µH
Tolerance: 20% over entire range,
Operating Temp: -25ºC ~ +85ºC
Test Equipment
(L/Q): HP4285A / HP4291
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 750 pieces per 7 inch reel.
• Only 2.94mm tall
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 245ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502BC
(SRF): HP4291A
Marking: None
IDC: Current at which inductance
drops by 10% of intial value
(IDC): Chen Hwa 1061 + 301A
tighter tolerances available
• Provides extremely low DCR and
high current rating
LQ Test:
OSC @ 100mV
Test Time: 6 minutes
REVISED 7/9/09
(Ω)
Dimensions:
Inches
(mm)


Similar Part No. - PS10-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PS10-331M-RC ALLIED-PS10-331M-RC Datasheet
420Kb / 1P
Power Shielded Inductors
More results

Similar Description - PS10-331M-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com