Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU-38 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # EU-38
Description  LASERDIODEDRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

EU-38 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  EU-38 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LASERDIODEDRIVER
EU-38
TECHNICAL DATA:
• dimension: 35 x 14 mm² (+/- 0.5 mm)
• supply voltage: typ. 3.0 .. 6.0 VDC
• constant laserdiode current adjustable 0 - 1.2 A (with external heatsink!)
• cw laserpower adjustable with potentiometer
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
laserpower adjust
turn right = less power
supply voltage V+
supply voltage V-
laserdiode anode (+)
laserdiode cathode (-)


Similar Part No. - EU-38

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
EU-38-1 ROITHNER-EU-38-1 Datasheet
63Kb / 1P
LASERDIODE DRIVER
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
EU-38-TTL ROITHNER-EU-38-TTL Datasheet
99Kb / 1P
Laser Diode Driver
More results

Similar Description - EU-38

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
EU-42 ROITHNER-EU-42 Datasheet
54Kb / 1P
MODULABLE LASERDIODEDRIVER
EU-37 ROITHNER-EU-37 Datasheet
53Kb / 1P
SMD-LASERDIODEDRIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com