Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU-42 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # EU-42
Description  MODULABLE LASERDIODEDRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

EU-42 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  EU-42 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODULABLE
LASERDIODEDRIVER
EU-42
TECHNICAL DATA:
• Dimension: 10.5 x 11.3 mm²
• Supply voltage U
b: typ. 4.0 .. 6.0 VDC
• Max. LD-current: typ. 120 mA
• Modulation frequency: DC .. 1.0 MHz, analog and digital voltage input
• Modulation input voltage: 0 V = laser off, U
b = laser on, any voltage between 0 and Ub possible
• cw laserpower adjustable with potentiometer
Drives the following laserdiode:
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
1
3
2
2
1
option 2: with aserdiode and collimating optic
1) Laserdiode cathode
2) Laserdiode anode and
photodiode cathode
3) Photodiode anode
GND
Ub= + 4.0..+ 6.0 VDC
laserpower
turn right = less power
option 1: with laserdiode
optic:
∅ 10 x 18 mm
Ub= + 4.0..+ 6.0 VDC
GND
modulation input
modulation input
3


Similar Part No. - EU-42

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
EU-40 ROITHNER-EU-40 Datasheet
275Kb / 2P
Laser diode driver
logo
Adlink Technology Inc.
EU-4104 ADLINK-EU-4104 Datasheet
249Kb / 2P
EtherCAT Slave System
EU-4304 ADLINK-EU-4304 Datasheet
249Kb / 2P
EtherCAT Slave System
More results

Similar Description - EU-42

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
EU-38 ROITHNER-EU-38 Datasheet
49Kb / 1P
LASERDIODEDRIVER
EU-37 ROITHNER-EU-37 Datasheet
53Kb / 1P
SMD-LASERDIODEDRIVER
LTM-E ROITHNER-LTM-E Datasheet
35Kb / 1P
modulable DC .. 1 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com