Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAT-655-40 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # FAT-655-40
Description  RED HIGH POWER LED ARRAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

FAT-655-40 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  FAT-655-40 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROITHNER LASERTECHNIK
SCHOENBRUNNER STRASSE 7, 1040 VIENNA, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
office@roithner-laser.com
www.roithner-laser.com
FAT-655-40
TECHNICAL DATA
RED HIGH POWER LED ARRAY
Wavelength: typ. 655 nm
Optical power: typ. 150 mW at 250 mA
Package: M18 x 1 thread package
Absolute Maximum Ratings (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
DC Forward Current
IF
300
mA
Pulse Forward Current *)
IFP
2.5
A
Allowable Reverse Current
IR
50
µA
Power Dissipation
PD
3
W
Operating Temperature
TOP
-60 .. +75
°C
Storage Temperature
TSTG
-60 .. +95
°C
*) Pulse width
≤ 10 µs, duty cycle ≤ 0.1
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
DC Forward Voltage
VF
IF = 250 mA
12.5
13.0
14.0
V
DC Reverse Current
IR
VR = 5 V
50
µA
Optical Output Power
PO
IF = 250 mA
80
150
-
mW
Peak Wavelength
λ
P
IF = 250 mA
650
655
670
nm
Spectrum Half Width FWHM
∆λ
IF = 250 mA
-
30
-
nm
Viewing Angle FWHM
2
θ1/2
IF = 250 mA
40
°
Rise Time
tr
IF = 250 mA
80
ns
Fall Time
tf
IF = 250 mA
100
ns
Thermal Resistance
RT
-
20
K/W
anode
cathode


Similar Part No. - FAT-655-40

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
FAT-685-40 ROITHNER-FAT-685-40 Datasheet
38Kb / 1P
RED HIGH POWER LED ARRAY
More results

Similar Description - FAT-655-40

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ELA-660-22X60-3-6 ROITHNER-ELA-660-22X60-3-6 Datasheet
21Kb / 1P
Red LED - Array
FAT-685-40 ROITHNER-FAT-685-40 Datasheet
38Kb / 1P
RED HIGH POWER LED ARRAY
logo
Unisonic Technologies
PUR01NBT-C0 UTC-PUR01NBT-C0 Datasheet
257Kb / 4P
RED HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-670D ROITHNER-SMB1N-670D Datasheet
835Kb / 4P
red high power led
SMB1N-680-02 ROITHNER-SMB1N-680-02 Datasheet
811Kb / 4P
red high power led
SMB1N-690D ROITHNER-SMB1N-690D Datasheet
878Kb / 4P
red high power led
SMB1N-740D-02 ROITHNER-SMB1N-740D-02 Datasheet
816Kb / 4P
red high power led
SMB1N-760D ROITHNER-SMB1N-760D Datasheet
727Kb / 4P
red high power led
SMB1N-770-02 ROITHNER-SMB1N-770-02 Datasheet
832Kb / 4P
red high power led
SMB1N-D630-02 ROITHNER-SMB1N-D630-02 Datasheet
835Kb / 4P
red high power led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com