Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICEPIC Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # ICEPIC
Description  MODULAR, REAL TIME EMULATOR SYSTEM FOR PIC16CXX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ICEPIC Datasheet(HTML) 2 Page - rfsolutions.ltd

  ICEPIC Datasheet HTML 1Page - rfsolutions.ltd ICEPIC Datasheet HTML 2Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IIC
CE
EP
PIIC
C
©2002 RF Solutions Ltd, ENGLAND. Tel +44 (0) 1273 898 000. Fax +44 (0) 1273 480661.
DS043-4
All Trademarks acknowledged and remain the property of the respective owners.
Page
2
TECHNICAL SPECIFICATION
FEATURES
SPECIFICATION
COMMENTS
Emulation Speed
32KHz to 20Mhz
Real Time Emulation Using 16C01 / 16C03 Emulation Chip
Emulation Memory
16K
Expandable to 16K words of 16CXX memory
IDE
Yes
Integrated Development Environment
Source Level Debug
Yes
MPASM Compatible (Microchip Assembler)
“C” Source Level Debug
Yes
MPC (Bytecraft) & Microchip C-Compiler Support
Real Time Trace
No
Available on ICEPIC2
Freeze Mode
Yes
Peripherals run/stop when halted, software controlled
Break Points
Yes
Effectively unlimited number of Break Points
Stack Breaks
Yes
Limited by Emulator Chip (available on all 16CXX)
WDT Breaks
Yes
Limited by Emulator Chip (available on all 16CXX)
Stack View
Yes
Direct Stack watch window available
Custom WatchPoints
Yes
Multibyte watch points can be set and modified
Assembler Support
MPASM
Microchip Universal Assembler Support
User Interface
MS Windows 3.1
Windows ‘95; coming soon
Host Interface
RS-232”C”
Communications Speed up to 115Kbps
Power Supply
Supplied
International power supply. (IEC Connector)
Each ICEPIC and ICEPIC2 is supplied as a system with power supply, cables, manual and a copy of Microchip's
MPASM assembler.
The emulator system is configured to handle the appropriate PIC microcontroller according to the personality board. For
the latest list of available personality boards and the devices covered please see our web site or contact our sales
department.
Please contact our sales department for the latest availability on Daughterboards.
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661.
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk.
POWER
SUPPLY
ICEPIC
MAIN POD
PERSONALITY
BOARD
RS232 TO
HOST PC
MAINS
PLUGS ON TO
APPLICATION CIRCUIT
IN PLACE OF PIC
Daughter
Board



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com