Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROG-MOD Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # PROG-MOD
Description  Programmable Oscillator Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PROG-MOD Datasheet(HTML) 1 Page - rfsolutions.ltd

  PROG-MOD Datasheet HTML 1Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ICEPIC PROG-MOD
OSCILLATOR
DS045_1
Oct ’00
©2000 REG No 277 4001, ENGLAND.
Page 1
•
Frequency Range 46.875kHz-24.00MHz
•
Low current consumption (CMOS IC structure)
•
Starting time < 1.5mS
•
High noise immunity
•
No adjustment needed once frequency selected
•
Frequency accurate to ± 100 ppm
PROG-MOD Package Contents
•
1pc PROG-MOD Assembly
•
1pc 32 kHz Oscillator Module
•
7pcs Crystal Oscillator ICs
(12.00,14.31818,14.7456,16.00,19.6608,20.00,24.00 MHz)
•
4pcs Header links for LK1
Frequency
A
B
C
D
fo
1-2
1-2
1-2
1-2
fo/2
2-3
2-3
2-3
2-3
fo/4
2-3
1-2
2-3
2-3
fo/8
2-3
2-3
1-2
2-3
fo/16
2-3
1-2
1-2
2-3
fo/32
2-3
2-3
2-3
1-2
fo/64
2-3
1-2
2-3
1-2
fo/128
2-3
2-3
1-2
1-2
fo/256
2-3
1-2
1-2
1-2
fo
fo/2
fo/4
fo/8
fo/16
fo/32
fo/64
fo/128
fo/256
MHz
MHz
MHz
MHz
kHz
kHz
kHz
kHz
kHz
12.00
6.00
3.00
1.5
750
375
187.5
93.75
46.875
14.31818
7.15909
3.579545 1.789772
894.88
447.44
223.72
111.875
55.9375
14.7456
7.3728
3.6864
1.8432
921.6
460.8
230.4
115.2
57.6
16.00
8.00
4.00
2.00
1000.0
500.0
250.0
125.0
62.5
19.6608
9.8304
4.9152
2.4576
1128.8
614.4
307.2
153.6
76.8
20.00
10.00
5.00
2.50
1250.0
625.0
312.5
156.25
78.125
24.00
12.00
6.00
3.00
1500.0
750.0
375.0
187.5
93.75
Changing The Crystal IC
To ensure proper operation of the PROG-MOD oscillator
the crystal IC must be inserted in the correct position. Pin
1 of the crystal IC must be inserted into the Pin 1 position
of the 14 pin DIP package marked with a yellow triangle
and make sure all pins are properly fitted into the 8 pin
socket.
WARNING
The crystal oscillator employs a CMOS IC integrated with
a protection circuit for static electricity, please handle only
in an anti-static environment.
Frequency Divider Selection Links
The frequency required is selected by means of
links LK1 located on the module.
PROG-MOD Standard Frequencies
The PROG-MOD uses a super small CMOS crystal clock
oscillator and fits in a 14 pin DIP package equipped with a
programmable frequency divider. 7 different oscillators are
supplied and each frequency can be divided by
1 /
2 to
1 /
2
8
to give 64 possible clock speeds selectable at the users
choice.
1
2
3
A
B
C
D
LK1
1
8
14 Pin
DIP
Pin1
14 Pin
DIP
Pin14
A
B
C
D
8 Pin
DIP
Part Number
Description
PROG-MOD
Programmable Oscillator Module
For more information contact :-
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate, South Street,
Lewes, E. Sussex. BN8 6JL.
England.
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
Internet http://www.rfsolutions.co.uk


Similar Part No. - PROG-MOD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PROG-CCCD PANDUIT-PROG-CCCD Datasheet
67Kb / 2P
Easy-Mark Labeling Software
PROG-CCCD PANDUIT-PROG-CCCD Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
PROG-CCCD PANDUIT-PROG-CCCD Datasheet
90Kb / 2P
Military Grade Heat Shrink Labels
3/2008
PROG-EM2GO PANDUIT-PROG-EM2GO Datasheet
67Kb / 2P
Easy-Mark Labeling Software
PROG-EM2GO PANDUIT-PROG-EM2GO Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
More results

Similar Description - PROG-MOD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S99 AD-AD2S99 Datasheet
317Kb / 8P
Programmable Oscillator
REV. B
logo
Golledge Electronics Lt...
EXO3C GOLLEDGE-EXO3C Datasheet
60Kb / 1P
Programmable Oscillator
GXO-194 GOLLEDGE-GXO-194 Datasheet
53Kb / 1P
SM PROGRAMMABLE OSCILLATOR
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
ECS, Inc.
ECS-P33 ECS-ECS-P33 Datasheet
127Kb / 1P
Programmable OSCILLATOR
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99BPZ AD-AD2S99BPZ Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
AD2S99 AD-AD2S99_15 Datasheet
320Kb / 8P
Programmable Oscillator
REV. B
logo
IC-Haus GmbH
IC213 ICHAUS-IC213 Datasheet
1Mb / 11P
PROGRAMMABLE OSCILLATOR MODULE
logo
Analog Devices
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
Programmable Oscillator
23-Feb-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com