Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-103C8-433NB Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # FM-103C8-433NB
Description  RADIO TRANSMITTER ENCODERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-103C8-433NB Datasheet(HTML) 3 Page - rfsolutions.ltd

  FM-103C8-433NB Datasheet HTML 1Page - rfsolutions.ltd FM-103C8-433NB Datasheet HTML 2Page - rfsolutions.ltd FM-103C8-433NB Datasheet HTML 3Page - rfsolutions.ltd FM-103C8-433NB Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS103_3
Jan ‘01
©2001 Reg. No. 227 4001, ENGLAND
Page 3
103 & 107 SERIES RADIO TRANSMITTER ENCODERS
PCB Mechanical Details
PP3
BATTERY
PP3
BATTERY
J9
J1
J8
HCS360
Programming
PADS
EXTERNAL SWITCH
HEADER
TOP VIEW
76mm
127mm
RF
173 / 418 / 433 / 458 / 868
MHz TRANSMITTERS
Absolute Maximum Ratings
Supply Voltage (VCC to GND)
+5.5 to +25 Volts
Storage Temperature
-25°C to +80°C
Operating Temperature
0°C to +55°C
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage
8
13
24
V
Supply Current :
433MHz
458MHz
11
150
18
180
25
220
MA
MA
MA
Frequency for Std 433MHz
432.90
433.920
434.100
MHz
Frequency for 433NB Unit
434.475
434.525
434.575
MHz
Frequency
458.850
MHz
RF Output Power (ERP) @ 433 MHz
-
10
mW
RF Output Power (ERP) @ 433NB
-
10
mW
RF Output Power (ERP) @ 458 MHz
-
500
mW
License Exemption
The radios transmitters used have been designed to meet ETSI300-220, EN50081-1, EN50082-1 EMC
directive and are DTI approved under MPT1329 for licence free use.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com