Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C3-433A Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # 110C3-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C3-433A Datasheet(HTML) 2 Page - rfsolutions.ltd

  110C3-433A Datasheet HTML 1Page - rfsolutions.ltd 110C3-433A Datasheet HTML 2Page - rfsolutions.ltd 110C3-433A Datasheet HTML 3Page - rfsolutions.ltd 110C3-433A Datasheet HTML 4Page - rfsolutions.ltd 110C3-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS118-5
Oct. 07
©
2006 REG No 277 4001, ENGLAND.
Page 2
118, 128,
10208
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
433MHz Products
AM Remote Control Systems
Part Number
Description
Transmitter Type
Freq
(MHz)
Range**
(Metres)
118C1A
AM RC System 1 ch 12/24Vdc
Pocket Keyfob
433.92
100
118C3A
AM RC System 3 ch 12/24Vdc
Pocket Keyfob
433.92
100
Additional AM Transmitter Keyfobs
Part Number
Description
Freq
(MHz)
Range**
(Metres)
110C1-433A
Transmitter Keyfob 1 switch
433.92
100
110C2-433A
Transmitter Keyfob 2 switch
433.92
100
110C3-433A
Transmitter Keyfob 3 switch
433.92
100
FM Remote Control Systems
Part Number
Description
Transmitter Type
Freq
(MHz)
Range**
(Metres)
128S1-433F
FM RC System 1 ch 12/24Vdc
Pocket Keyfob
433.92
150
128S3-433F
FM RC System 3 ch 12/24Vdc
Pocket Keyfob
433.92
150
10208S1-433F
FM RC System 1 ch 12/24Vdc
Handheld
433.92
200
10208S4-433F
FM RC System 4 ch 12/24Vdc
Handheld
433.92
200
Additional FM Transmitter Keyfobs
Part Number
Description
Freq
(MHz)
Range**
(Metres)
120T1-433F
Transmitter Keyfob 1 switch
433.92
150
120T2-433F
Transmitter Keyfob 2 switch
433.92
150
120T3-433F
Transmitter Keyfob 3 switch
433.92
150
102C1-433F
FM Transmitter encoder 1 switch
433.92
200
102C2-433F
FM Transmitter encoder 2 switch
433.92
200
102C4-433F
FM Transmitter encoder 4 switch
433.92
200
FM NB (Narrow Band) Remote Control Systems
Part Number
Transmitter Type
Transmitter Type
Freq
(MHz)
Range**
(Metres)
10208S1-525N
FM NB RC System 1 ch 12/24Vdc
Handheld + Ant
434.525
1000
10208S4-525N
FM NB RC System 4 ch 12/24Vdc
Handheld + Ant
434.525
1000
Additional FM NB Transmitters
Part Number
Description
Freq
(MHz)
Range**
(Metres)
102C1-525N
FM NB Transmitter encoder 1 switch
434.525
1000
102C2-525N
FM NB Transmitter encoder 2 switch
434.525
1000
102C4-525N
FM NB Transmitter encoder 4 switch
434.525
1000
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by over 50%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com