Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C1-433A Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # 110C1-433A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C1-433A Datasheet(HTML) 3 Page - rfsolutions.ltd

  110C1-433A Datasheet HTML 1Page - rfsolutions.ltd 110C1-433A Datasheet HTML 2Page - rfsolutions.ltd 110C1-433A Datasheet HTML 3Page - rfsolutions.ltd 110C1-433A Datasheet HTML 4Page - rfsolutions.ltd 110C1-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS119-5
June ‘06
©2006 REG No 277 4001, ENGLAND.
Page 3
119, 129
10209
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
Data Outputs
Each of the transmitter switches maps directly to the relay outputs. (SW1 to RLY1, SW2 to RLY2)
Each output relay provides an isolated switch. Connections are Common (COM), Normally Open (NO) and
Normally Closed (NC).
The jumper links ( LK1, LK2 ) configure the outputs to be momentary or latching.
LK1
LK2
O/P 1
O/P2
Open
Open
Mom
Mom
Open
Connected
Mom
Latch
Connected
Open
Latch
Mom
Connected
Connected
Latch
Latch
Note : In momentary mode the relay will operate for as long as the transmitter switch is held on.
Learning a new Transmitter Encoder
To enter and activate the learn mode the following sequence must be performed.
1. Power the receiver unit up and wait 10secs for the unit to enter ‘normal operation’ mode.
2. Switch the receiver unit OFF and then ON again in ~1sec intervals four times finally leaving the unit
powered up.
3. After 5secs until a ‘beep’ sound is heard.
4. The unit is now in ‘learn’ Mode.
5. Briefly press a button on the transmitter, the receiver unit will ‘beep’ twice.
6. Briefly Press the transmitter button again, he receiver unit will ‘beep’ three times.
7. Wait 10sec for the unit to return to ‘normal operation’ mode.
8. The transmitter is now ‘learnt’ to the receiver unit and will operate the output relays.
Erasing Transmitter Encoders form Memory
To enter and activate the erase mode the following sequence must be performed.
1. Power the receiver unit up and wait 10secs for the unit to enter ‘normal operation’ mode.
2. Switch the unit off and then on again in ~1sec intervals six times finally leaving the unit powered up.
3. Wait 5secs until a ‘ticking’ sound is heard for a period of 10secs by the operation and release of one of the
relays.
4. Wait 10secs for the receiver unit to return to ‘normal’ mode
5. The unit has now erased all encoder data.
Note
During Learn and Erase the relays should not be connected to equipment that will be harmed by rapid
changes of the relay polarisation.
Relay Connections when
Transmitter NOT Operating
Relay Connections when
Transmitter OPERATING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com