Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

211 Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # 211
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

211 Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button 211 Datasheet HTML 3Page - rfsolutions.ltd 211 Datasheet HTML 4Page - rfsolutions.ltd 211 Datasheet HTML 5Page - rfsolutions.ltd 211 Datasheet HTML 6Page - rfsolutions.ltd 211 Datasheet HTML 7Page - rfsolutions.ltd 211 Datasheet HTML 8Page - rfsolutions.ltd 211 Datasheet HTML 9Page - rfsolutions.ltd 211 Datasheet HTML 10Page - rfsolutions.ltd 211 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 10
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
Output Modules
211 Darlington Output
•
16 transistor switch outputs
•
Each Output switches to GND when operated
•
Each output rated 500mA at up to 50Vdc
•
Total cumulative output of module 1A @50Vdc
The only connections required are
•
Screw terminals to connect to each channel
output.
•
Direct connection to the 210 Receiver via the four ribbon cables / connectors supplied.
Dimensions: Within DIN Rail: 70 x 82mm
(PCB: 64 x 72mm)
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
From 210Rx module
Output voltage
50
VDC
Continuous current Load:
Per Channel
Total module
500
1,000
mA
mA
‘215’ Relay Output Module
•
8 relay switches rated 230Vac at 5A
•
Each relay provides ‘input’ and ‘normally open’ screw
terminals
The only connections required are
•
Connection to the 210 Receiver via the ribbon cable
supplied.
•
Connection to each relay via screw terminals provided.
Dimensions: Within DIN Rail: 93 x 82 mm
(PCB: 90 x 72mm)
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
From 210Rx module
Relay* output Rating
Type HRS1KH3-12
Max rating is 3A/220VAC/30VDC
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
210 Rx
211
Switched
Outputs 13-16
Switched
Outputs 9-12
Switched
Outputs 1-4
Ground
Connections
Switched
Outputs 5-8
210 Rx
Relay Outputs 5 - 8
Relay Outputs 1 - 4
215



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com