Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

215 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # 215
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

215 Datasheet(HTML) 3 Page - rfsolutions.ltd

  215 Datasheet HTML 1Page - rfsolutions.ltd 215 Datasheet HTML 2Page - rfsolutions.ltd 215 Datasheet HTML 3Page - rfsolutions.ltd 215 Datasheet HTML 4Page - rfsolutions.ltd 215 Datasheet HTML 5Page - rfsolutions.ltd 215 Datasheet HTML 6Page - rfsolutions.ltd 215 Datasheet HTML 7Page - rfsolutions.ltd 215 Datasheet HTML 8Page - rfsolutions.ltd 215 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 3
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
Enclosure / Power Supply
• IP56 Insulation Class 2
• DIN Rails mounted on Steel Plate
• 12Vdc 1A PSU incorporated accepts 110-240Vac (5A Fused)
Dimensions
External
315 x 235 x 130mm
Internal
300 x 220 x 120mm
DIN Rail length 1
285mm
DIN Rail length 2
180mm
Part No
Description
ENC-DA3
DIN Rail Enclosure Assembly, Two Mounting Rails, 12Vdc PSU Fitted
PSU12V1AIN-IP
Power Supply 110-240Vac input, 12Vdc 1A Output
Custom systems
We regularly supply pre-wired / bespoke systems, please contact our sales dept for further
assistance
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate, South Street, Lewes,
E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions products as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com