Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC-DA3 Datasheet(PDF) 11 Page - rfsolutions.ltd

Part # ENC-DA3
Description  Modular Radio Telemetry System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ENC-DA3 Datasheet(HTML) 11 Page - rfsolutions.ltd

Back Button ENC-DA3 Datasheet HTML 3Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 4Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 5Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 6Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 7Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 8Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 9Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 10Page - rfsolutions.ltd ENC-DA3 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DS200-11 March ’06
©2005 RF Solutions Ltd, www.rfsolutions.co.uk
Page 11
Tel 01273 898000 Fax 01273 480661
Modular Radio Telemetry System
200 Series
210 Rx
Relay Outputs 1 - 4
230
216 Relay Output Module
•
4 relay outputs rated at 230Vac ,12A
peak and 5A continuous current rating.
•
‘normally open’ and ‘normally closed’
screw terminals.
Dimensions: Within DIN Rail: 135 x 82 mm
(PCB: 132 x 72mm)
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
From 210Rx module
Relay* output Rating (type KB12) at 230Vac
5
12
A
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
230 Relay Output Module
•
4 relay (type K7SFA12) outputs rated
for up to 30A at 230Vac.
•
Each relay provides ‘input’ and
‘normally open’ Spade Terminals.
Dimensions: Within DIN Rail: 115 x 82 mm
(PCB: 109 x 72mm)
Storage Temperature: -10 to +70
o Celsius.
Operating Temperature: 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
From 210Rx module
30
A
Relay output Rating @ 230Vac*
@ 12Vdc
20
A
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate, South Street, Lewes,
E Sussex, BN8 6JL. England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such information.
Use of R.F.Solutions products as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
210 Rx
Relay Outputs 1 - 4
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com