Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIREBLADE-S2 Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # FIREBLADE-S2
Description  RADIO REMOTE CONTROL SYSTEMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FIREBLADE-S2 Datasheet(HTML) 1 Page - rfsolutions.ltd

  FIREBLADE-S2 Datasheet HTML 1Page - rfsolutions.ltd FIREBLADE-S2 Datasheet HTML 2Page - rfsolutions.ltd FIREBLADE-S2 Datasheet HTML 3Page - rfsolutions.ltd FIREBLADE-S2 Datasheet HTML 4Page - rfsolutions.ltd FIREBLADE-S2 Datasheet HTML 5Page - rfsolutions.ltd FIREBLADE-S2 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DSFIREFLY-3
March 08
©
2008 REG No 277 4001, ENGLAND.
Page 1
FIREFLY
FIREBLADE
RADIO REMOTE CONTROL SYSTEMS
Applications
• Lighting Control
• General Purpose Remote Switching
• Industrial remote Switching
• Access Control
Description
A Range of general purpose remote control systems
Installation simply requires connections to power
supply and the output relay screw terminals. The
output relays are activated by the button press on the
transmitter encoder.
Housed in a rugged IP68 weatherproof enclosure, the
receiver has the capacity to learn up to 15 transmitter
button pairings. These are memorised even if the
power is removed.
Each individual switch on each of the transmitters
may be paired with any or all of the receiver relay
outputs.
The decoder is supplied in an IP68 rated enclosure
with Cable Gland and wall mounting lugs.
Features
• 1,2,4 or 8 Channel Systems
• 12 / 24Vdc or 230Vac Supply
• Range
FireFly up to 100 metres
FireBlade up to 1,000 metres
• Reliable FM Technology
• High Security RF Protocol
• ‘Easy Learn’ Tx Encoder Feature
• Easy Installation Via Screw Terminals.
• 4 Relays 6A @ 230Vac
• Momentary / Latch / Timed Outputs
• Timed Output Adjustable 0 To 5 mins
• Any Switch ‘Maps to Any Relay Output
• Receiver Rated IP68
• Versatile operation modes: Many to
Many, One to Many, Many to One.


Similar Part No. - FIREBLADE-S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
FIREFLY-TX-IPKIT RFMD-FIREFLY-TX-IPKIT Datasheet
1Mb / 6P
VIPER Remote Control Systems
logo
rfsolutions.ltd
FIREFLY-TX-IPKIT RFSOLUTIONS-FIREFLY-TX-IPKIT Datasheet
1Mb / 6P
FIRETRAP
FIREFLY-TX-IPKIT RFSOLUTIONS-FIREFLY-TX-IPKIT Datasheet
2Mb / 7P
VIPER Remote Control Systems
logo
RF Micro Devices
FIREFLY-TX1 RFMD-FIREFLY-TX1 Datasheet
1Mb / 6P
VIPER Remote Control Systems
logo
rfsolutions.ltd
FIREFLY-TX1 RFSOLUTIONS-FIREFLY-TX1 Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results

Similar Description - FIREBLADE-S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
Professional Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
Professional Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
TRAP Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com