Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

182-005SW Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 182-005SW
Description  Fiber Optic Polishing Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

182-005SW Datasheet(HTML) 1 Page - Glenair, Inc.

  182-005SW Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M-15
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
182-005
Fiber Optic Polishing Tool
for 181-011 and 181-012 Front Release Termini
.480
(12.2)
.740
(18.8)
S
P
1.500
(38.1)
DIA
1.500
(38.1)
DIA
Product Series
Basic Number
Designation Symbol
S = Socket Terminus
P = Pin terminus
182-005 S W
W = Wet Polish Supplied
with V-Grooves
(Omit for Dry Polish)
APPLICATION NOTES
1. Assembly packaged in plastic bag and tag identified with
manufacturer's name and part number.
2. Assembly marked with “PIN” or “SKT” and part number.
3. Material/Finish: Stainless Steel/Passivated.
4. Metric Dimensions (mm) are indicated in parentheses.


Similar Part No. - 182-005SW

ManufacturerPart #DatasheetDescription
logo
Altech corporation
182-001 ALTECH-182-001 Datasheet
2Mb / 18P
TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
logo
Glenair, Inc.
182-001PW GLENAIR-182-001PW Datasheet
196Kb / 1P
Fiber Optic Polishing Tool for
182-001SW GLENAIR-182-001SW Datasheet
196Kb / 1P
Fiber Optic Polishing Tool for
logo
Altech corporation
182-002 ALTECH-182-002 Datasheet
2Mb / 18P
TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
logo
Glenair, Inc.
182-002W GLENAIR-182-002W Datasheet
193Kb / 1P
Fiber Optic Polishing Tool for
More results

Similar Description - 182-005SW

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
182-001SW GLENAIR-182-001SW Datasheet
196Kb / 1P
Fiber Optic Polishing Tool for
182-002W GLENAIR-182-002W Datasheet
193Kb / 1P
Fiber Optic Polishing Tool for
182-006SW GLENAIR-182-006SW Datasheet
228Kb / 1P
Fiber Optic Socket Polishing Tool
182-007W GLENAIR-182-007W Datasheet
193Kb / 1P
Fiber Optic Termini Polishing Tool
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
3M Electronics
865X 3M-865X Datasheet
989Kb / 4P
3M™ Lapping Film 865X For Final Polishing of Fiber Optic Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com