Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3602 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 3602
Description  Low Thermal EMF Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

3602 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  3602 Datasheet HTML 1Page - RHOPOINT COMPONENTS 3602 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND
Model Number
3602
x3650
4
x3660
2
Parameters
Test Conditions
Units
2 Form A
3 Form A
3 Form A
THERMAL EMF
OPTIONS
Measured after 5 minutes
at nominal coil voltage
Refer to Reed Relay
Technical Section for Details
µV
Differential
<5
µV
<3
µV
<1
µV
<0.5
µV
Differential
<5
µV
<3
µV
<1
µV
<0.5
µV
Differential
<5
µV
<3
µV
<1
µV
<0.5
µV
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
Coil Resistance
+/- 10%, 25° C
Ω
350
2000
350
2000
350
2000
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.0
3.8
9.0
3.8
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
150
150
150
Switching Current
Max DC/Peak AC Resist.
Amps
0.25
0.25
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
1.5
Contact Rating
Max DC/Peak AC Resist.
Watts
5
5
5
Life Expectancy-Typical
1
Signal Level 1.0V, 1mA
x 10
6 Ops.
500
500
500
Static Contact Resistance
(max. init.)
50mV, 10mA
Ω
0.100
0.100
0.100
Dynamic Contact Resistance
(max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.200
0.200
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
Shield Floating
Shield Guarding
pF
pF
1.2
0.2
1.2
0.2
1.2
0.2
Contact to Shield
Contacts Open
Shield & Coil Tied Common
pF
pF
2.5
2.5
2.5
2.5
2.5
2.5
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
250
1000
1500
250
1000
1500
250
1000
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.75
0.75
0.75
Release Time - Typical
Zener-Diode Suppression
3
msec.
0.1
0.1
0.1
3600 Series/Low Thermal EMF Reed Relays
Environmental Ratings
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the
coil resistance are specified at 25°C.
These values vary by approximately 0.4%/°C
as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)
Notes:
1Consult factory for life expectancy at other switching loads.
2Model 3660: Reed switch between pins #9 & #10 is not low
thermal and is tied in common with the electrostatic shield.
3Consists of 20V Zener-diode and 1N4002 diode in series,
connected in parallel with coil.
4Model 3650: Reed switch between pins #7 & #8 is not low
thermal and is not tied in common with the electrostatic shield.
Pin numbers for reference only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com