Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8021 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 8021
Description  DIP Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

8021 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  8021 Datasheet HTML 1Page - RHOPOINT COMPONENTS 8021 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk
COTO TECHNOLOGY
DIP R
DIP R
DIP R
DIP R
DIP REED
EED
EED
EED
EED
R
R
R
R
RELAYS
ELAYS
ELAYS
ELAYS
ELAYS
The 8000 Series is ideally suited to the needs of Automated Test
Equipment, Instrumentation, Data Acquisition, and Process Control
requirements. The specification tables allow you to select the appropriate
relay for your particular application. If your requirements differ from the
selection options, please consult your local representative or Coto’s
Factory to discuss a custom reed relay.
8000 S
8000 S
8000 S
8000 S
8000 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEATURES
EATURES
EATURES
EATURES
EATURES
u 14 - Pin DIP Industry standard package.
u High Insulation Resistance - 10
12
Ω offered on most models.
u High reliability, hermetically sealed contacts for long life. Proven
to 500 million operations.
u Contact forms; 1A, 2A, 1B and 1C available.
u Surface mount version available.
u Molded thermoset body on integral lead frame design.
u Optional Electrostatic Shield for reducing capacitive coupling
offered on some models.
u Coil suppression diode available upon request.
u High Voltage Breakdown versions available.
8000 Series/DIP Reed Relays
Dimensions in Inches (Millimeters)
(For Model #’s 8001, 8002, 8021 & 8041)
(For Model # 8061)
3
4
3
4
2
2


Similar Part No. - 8021

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8021 FILTRAN-8021 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Sonardyne sound in dept...
8021 SONARDYNE-8021 Datasheet
112Kb / 2P
Fusion USBL Transceivers
logo
Belden Inc.
8021 BELDEN-8021 Datasheet
153Kb / 2P
Bus Bar Wire, #22 Sol TC
01-20-2023
logo
Heyco.
8021 HEYCO-8021 Datasheet
179Kb / 1P
Full Thickness Male Blades
logo
Belden Inc.
8021-000100 BELDEN-8021-000100 Datasheet
153Kb / 2P
Bus Bar Wire, #22 Sol TC
01-20-2023
More results

Similar Description - 8021

ManufacturerPart #DatasheetDescription
logo
Coto Technology
8001-05-001 COTO-8001-05-001 Datasheet
354Kb / 2P
DIP Reed Relays
logo
Meder Electronic
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com