Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9012 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 9012
Description  Miniature SIP Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

9012 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  9012 Datasheet HTML 1Page - RHOPOINT COMPONENTS 9012 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29
RHOPOINT COMPONENTS LTD Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com
Notes:
1Consult factory for life expectancy at other switching
loads. Resistance >0.5
Ω defines end of life or failure
to open.
2Optional diode is connected to pin #2 (+) and pin
#3(-). Correct coil polarity must be observed.
3Consists of 20V Zener-diode and 1N1002 diode
in series, connected in parallel with coil.
49011 external mag shield. 9012 & 9091 internal mag
shield.
9011, 9012 & 9091 Miniature SIP Relays
Environmental Ratings:
Storage Temp:-35°C to +100°C; Operating Temp:-20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Grid = .1"x.1" (2.54mm x 2.54mm)
Model Number
9011
2,4
9012
2,4
9091
2,4
Parameters
Test Conditions
Units
(3 Watt)
4 Pin SIP
(10 Watt)
4 Pin SIP
(10 Watt)
4 Pin SIP
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
Max. Coil Voltage
VDC
6.5
15.0
6.5
15.0
6.5
15.0
Coil Resistance
+/- 10%, 25° C
Ω
500
750
500
750
500
1000
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.0
3.75
9.0
3.75
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
100
200
200
Switching Current
Max DC/Peak AC Resist.
Amps
0.250
0.5
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
0.5
1.5
1.5
Contact Rating
Max DC/Peak AC Resist.
Watts
3
10
10
Life Expectancy-Typical
1
Signal Level 1.0V, 10mA
x 10
6 Ops.
250
1000
500
Static Contact
Resistance (max. init.)
50mV, 10mA
Ω
0.150
0.120
0.125
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.200
0.200
0.15
RELAY
SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
pF
0.7
0.7
0.1
Open Contact to Coil
pF
1.4
1.4
2.0
Dielectric Strength
(minimum)
Between Contacts
Contacts to Coil
VDC/peak AC
VDC/peak AC
200
500
300
500
200
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.35
0.35
0.5
Release Time - Typical
Zener-Diode Suppression
3
msec.
0.1
0.1
0.30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com