Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK65018MITL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK65018MITL
Description  CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK65018MITL Datasheet(HTML) 2 Page - TOKO, Inc

  TK65018MITL Datasheet HTML 1Page - TOKO, Inc TK65018MITL Datasheet HTML 2Page - TOKO, Inc TK65018MITL Datasheet HTML 3Page - TOKO, Inc TK65018MITL Datasheet HTML 4Page - TOKO, Inc TK65018MITL Datasheet HTML 5Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ADVANCED INFORMATION
Page 2
January 1999 TOKO, Inc.
TK65018
Note 1: Power dissipation is 400 mW when mounted as recommended (200 mW in Free Air). Derated at 1.6 mW/
°C for operation above 25 °C.
.
ABSOLUTE MAXIMUM RATINGS
TK65018 ELECTRICAL CHARACTERISTICS
Test conditions: V
IN = 3.1 V, TA = Operating Temperature Range, unless otherwise specified.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
I
D
A
O
L
V
,
A
m
0
=
N
I
V
8
.
1
=0
55
7A
µ
I
D
A
O
L
V
,
A
m
0
=
N
I
V
0
.
5
=0
0
15
2
1A
µ
V
C
C
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
V
|
+
T
U
O
|
≤ 98
.
18
V
V
S
S
O
L
V
(
s
s
o
L
e
g
a
t
l
o
V
N
I
V
-
T
U
O
)
D
B
TV
D
B
TV
f
C
S
O
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
OV
2
≤ V
N
I
≤ V
86
6
1z
H
k
V
T
U
O
e
g
a
t
l
o
V
d
e
t
a
l
u
g
e
R
V
T
U
O
V
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
L
55
3V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L
0
60
5
1V
m
I
)
X
A
M
(
W
S
t
n
e
r
r
u
C
h
c
t
i
w
S
m
u
m
i
x
a
M
50
1A
m
I
Y
B
T
S
t
n
e
r
r
u
C
y
b
d
n
a
t
S
12
A
µ
Supply Voltage V
IN For Doubler Conf. ....................... 8 V
Power Dissipation (Note 1) ................................ 400 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ........................ 0 to 70
°C
Junction Temperature .......................................... 125
°C
Lead Soldering Temperature (10 s) ..................... 300
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com