Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

189HS038XO2106K-D Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 189HS038XO2106K-D
Description  Composite Connector Backshell Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189HS038XO2106K-D Datasheet(HTML) 2 Page - Glenair, Inc.

  189HS038XO2106K-D Datasheet HTML 1Page - Glenair, Inc. 189HS038XO2106K-D Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
J-7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
189-038
Composite Connector Backshell Adapter
for Helical Convoluted Tubing to be used with
MIL-DTL-38999 Series III & IV Fiber Optic Connectors
APPLICATION NOTES
1. Material/ Finish:
Adapter, Elbow- High Grade Engineering Thermoplastic/ See Table III.
Coupling and Compression Nuts- High Grade Engineering Thermoplastic/ N.A.
O- Ring- Fluorosilicone or Silicone/ N.A.
Anti- Rotation device: Corrosion resistant material.
2. Metric Dimensions are in parentheses and are for reference only.
TABLE II: SHELL SIZE
Shell
Size
A Thread
ISO Metric
E
+.060 (1.5)
F
+.090 (2.3)
G
+060 (1.5)
H
+090 (2.3)
Max Entry
Max Tubing Size
11
M15 x 1 - 6H .750 (19.1)
.950 (24.1) .750 (19.1)
1.160 (29.5)
12
13
M18 x 1 - 6H .750 (19.1) 1.020 (25.9) .810 (20.6)
1.220 (31.0)
16
15
M22 x 1 - 6H .760 (19.3) 1.050 (26.7) .880 (22.4)
1.290 (32.8)
20
17
M25 x 1 - 6H .780 (19.8) 1.070 (27.2) .940 (23.9)
1.350 (34.3)
24
19
M28 x 1 - 6H .790 (20.1) 1.080 (27.4) .970 (24.6)
1.380 (35.1)
28
21
M31 x 1 - 6H .820 (20.8) 1.110 (28.2) 1.060 (26.9) 1.470 (37.3)
32
23
M34 x 1 - 6H .860 (21.8) 1.150 (29.2) 1.130 (28.7) 1.540 (39.1)
32
25
M37 x 1 - 6H .890 (22.6) 1.180 (30.0) 1.190 (30.2) 1.730 (43.9)
40
TABLE III: FINISH
SYM
MATERIAL
FINISH
XM
Composite
Electroless Nickel
XW
Composite
Cadmium Plate/Olive Drab
over Electroless Nickel
XO
Composite
No Plating–Base Composite
TABLE I: TUBING SIZE
Dash
No.
Conduit
I.D.
J Dia
Max
06
.188 (4.8)
.790 (20.1)
09
.281 (7.1)
.985 (25.0)
10
.312 (7.9)
.985 (25.0)
12
.375 (9.5) 1.035 (26.3)
14
.437 (11.1) 1.100 (27.9)
16
.500 (12.7) 1.160 (29.5)
20
.625 (15.9) 1.285 (32.6)
24
.750 (19.1) 1.480 (37.6)
28
.875 (22.2) 1.670 (42.4)
32
1.000 (25.4) 1.720 (43.7)
40
1.250 (31.8) 2.100 (53.3)
48
1.500 (38.1) 2.420 (61.5)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com