Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

311HS019XM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 311HS019XM
Description  Composite Lamp Base Thread
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

311HS019XM Datasheet(HTML) 1 Page - Glenair, Inc.

  311HS019XM Datasheet HTML 1Page - Glenair, Inc. 311HS019XM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-6
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
311-019
Composite Lamp Base Thread
EMI/RFI Shield Termination Backshell
with Shrink Boot Porch and Self-Locking Rotatable Coupling
Finish Symbol
(See Table III)
Connector Designator
A, F and H
Product Series
311 - EMI/RFI Lamp Base Thread
w/ Shrink Boot Porch
311 H S 019 XM 15 03 T
Angle and Profile
S - Straight
T - 45° Elbow
W - 90° Elbow
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Shrink Boot
(Omit for None)
O-Ring Typ
(Except Connector
Deisgnator 'A')
A Thread Typ
1.25 Max
.140/.130 Typ
K
Typ
L
Typ
Flutes or Hex
Mfr. Option - Typ
Shrink Sleeve or
Boot Groove - Typ
F
E
G
H
J
Raised Configuration
(Mfr. Option) Typ
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II,
and -83723 Series I and III
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE


Similar Part No. - 311HS019XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311HS034XM1901 GLENAIR-311HS034XM1901 Datasheet
301Kb / 1P
Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1902 GLENAIR-311HS034XM1902 Datasheet
301Kb / 1P
Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1903 GLENAIR-311HS034XM1903 Datasheet
301Kb / 1P
Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1904 GLENAIR-311HS034XM1904 Datasheet
301Kb / 1P
Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
311HS034XM1905 GLENAIR-311HS034XM1905 Datasheet
301Kb / 1P
Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
More results

Similar Description - 311HS019XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
311AS063XM08 GLENAIR-311AS063XM08 Datasheet
288Kb / 2P
Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell
311AS034 GLENAIR-311AS034 Datasheet
301Kb / 1P
Composite Lamp Base Thread EMI/RFI Shield Termination Backshell
logo
BetLux Electronics
TLL-GU10F3W-061 BETLUX-TLL-GU10F3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-MR16F1W-061 BETLUX-TLL-MR16F1W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
logo
OSRAM GmbH
7456CW-02B2,5W OSRAM-7456CW-02B2,5W Datasheet
187Kb / 3P
Compatible with conventional P21W lamp base
7556CW-02B2W1 OSRAM-7556CW-02B2W1 Datasheet
189Kb / 3P
Compatible with conventional P21W lamp base
logo
LUMEX INC.
SSP-D29B9SYC-12V LUMEX-SSP-D29B9SYC-12V_17 Datasheet
44Kb / 1P
10mm Circular Ba9 Base Lamp
SSP-01TWB3SWB12 LUMEX-SSP-01TWB3SWB12 Datasheet
45Kb / 1P
LED MINATURE WEDGE BASE LAMP
SSP-D29B9SUGC-12V LUMEX-SSP-D29B9SUGC-12V Datasheet
44Kb / 1P
10mm CIRCULAR BA9 BASE LAMP
SSP-D29E10SUGC-12V LUMEX-SSP-D29E10SUGC-12V Datasheet
42Kb / 1P
10mm CIRCULAR E10 BASE LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com