Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2S3021 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 2S3021
Description  SPDT SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

2S3021 Datasheet(HTML) 1 Page - Micronetics, Inc.

  2S3021 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The 2S3020 Series with internal drivers are sealed, integrated
switching networks, using passivated PIN diodes, thereby
minimizing electrical parasitics. This enables the SPDT
switches to work over extremely wide bandwidths. These
switches are ruggedly built and conservatively rated to insure
highly reliable operation. The 2S3020 Series incorporates a TTL
PIN diode driver integrated with the MVS solid state RF section
and bias filtering circuits. MVS switches are ideally suited for
microwave sub-assemblies, where many system functions must
be integrated together. The 2S3020 Series is perfect for high-
speed channel selection or pulse modulation.
SPDT
SWITCHES
( 2 - 18 GHz )
PRODUCT FEATURE
V
M
S
Microwave & Video Systems, Inc.
160B Shelton Road
Monroe, CT 06810
TEL (203)
445-1970
FAX (203)
445-1564
SPECIFICATIONS
MODEL
FREQUENCY
VSWR INSERTION ISO.
NUMBER
RANGE
MAX.
LOSS (dB)
(dB)
(GHz)
MAX.
MIN.
2S3021
2 - 8
1.7
1.5
60
2S3022
4 - 12
1.8
1.8
60
2S3023
6 - 18
1.9
2.2
55
2S3024
2 - 18
2.0
2.4
55
Switching Speed (50% TTL to 10/90% RF)
50 ns Max
Harmonic Generation (@ +20 dBm)
60 dBc Max
TTL Control (2 Line)
"0" Select
RF Power (No Performance Degradation)
+27 dBm
Power Supply Requirements
+5V, -15V
Operating Temperature Range
-55° to +125°C
J1
J2
IN
.20
.09 TYP.
.070
TYP
±.010
.53
.38
.13
(TYP)
.25
MTG SURFACE
.75
FARSIDE:
#2-56 UNC-2B x .10 DP
E1
E2
+5
GD
-V
.90
.610
±.010
.760
"SMA" FEMALE
(FIELD REPLACEABLE)
J1
J2
IN
E1
E2
+
GD
-
P/N 2S3020
5
V
V
M
S
P/N 2S3020
V
M
S
• -55°C to +125°C Operation
• Removable Connectors
• Integral TTL Drivers
• Reduced Harmonics
V
M
S
2S3020 SERIES
Alternate Configurations
Logic Decoding
Isolations to 80 dB
Alternate Power Supplies
Integration of Filters
Integration of Limiters
Custom Screening
OPTIONS AVAILABLE


Similar Part No. - 2S3021

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2S302A SEME-LAB-2S302A Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO5 Metal Package
More results

Similar Description - 2S3021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
Quad SPDT Audio Switches
Rev 1; 11/07
logo
BOWEI Integrated Circui...
SWDT-1C BOWEI-SWDT-1C Datasheet
100Kb / 1P
PIN SPDT Switches
SWST-1A BOWEI-SWST-1A Datasheet
97Kb / 1P
PIN SPDT Switches
logo
GREATECS
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
Miniature SPDT Micro Switches
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
Miniature SPDT Toggle Switches
logo
Analog Devices
ADG619 AD-ADG619_15 Datasheet
365Kb / 16P
Single SPDT Switches
REV. C
ADG620 AD-ADG620_15 Datasheet
365Kb / 16P
Single SPDT Switches
REV. C
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
Triple/Quad SPDT Switches
REV. B
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
Triple/Quad SPDT Switches
REV. B
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
SPDT Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com