Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

189HW039XO2116K-D Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 189HW039XO2116K-D
Description  Composite Connector Backshell Adapter for
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

189HW039XO2116K-D Datasheet(HTML) 1 Page - Glenair, Inc.

  189HW039XO2116K-D Datasheet HTML 1Page - Glenair, Inc. 189HW039XO2116K-D Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
J-8
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
189-039
Composite Connector Backshell Adapter for
MIL-PRF-28876 Fiber Optic Connectors
Straight, 45o and 90o
A Thread
2.000
(50.8)
120-100 Convoluted Tubing shown for reference only.
For Dacron overbraiding, see Glenair P/N 120-103
J
Tubing I.D.
C
G
H
E
F
Raised Configuration
S - STRAIGHT
W - 90°
T - 45°
APPLICATION NOTES
1. Metric dimensions (mm) are in parentheses and are for reference
only.
2. Material:
Adapter, Coupling and Compression Nuts - High-Grade
Engineering Thermoplastic.
O-Ring - Fluorosilicone or Silicone.
Anti-Rotation Device: Corrosion Resistant Material.
3. Unless otherwise specified, the backshell body to be supplied
finished per Table III. All other components to be supplied without
plating.
4. CAUTION: Style T 45° and Style W 90° low profile elbows may
cause signal loss due to abrupt bend radius. Suggest using
189-010, 1.0 R Style elbows where possible.
5. Spacer Ring packaged loose with backshell. Install ring against
connector insert prior to coupling backshell.
Product Series
Angular Function
S = Straight
T = 45° Elbow
W = 90° Elbow
Basic Part Number
Finish (See Table III)
189 S 039 XW 15 16 K-D
D = Black dacron Overbraid
(Omit for None)
K = For PEEK Convolutions
(Omit for PFA, ETFE or FEP)
Tubing Size Dash Number (See Table I)
Shell Size (See Table II)
Spacer
Ring


Similar Part No. - 189HW039XO2116K-D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HW038XM1106K-D GLENAIR-189HW038XM1106K-D Datasheet
220Kb / 2P
Composite Connector Backshell Adapter
189HW038XM1109K-D GLENAIR-189HW038XM1109K-D Datasheet
220Kb / 2P
Composite Connector Backshell Adapter
189HW038XM1110K-D GLENAIR-189HW038XM1110K-D Datasheet
220Kb / 2P
Composite Connector Backshell Adapter
189HW038XM1112K-D GLENAIR-189HW038XM1112K-D Datasheet
220Kb / 2P
Composite Connector Backshell Adapter
189HW038XM1114K-D GLENAIR-189HW038XM1114K-D Datasheet
220Kb / 2P
Composite Connector Backshell Adapter
More results

Similar Description - 189HW039XO2116K-D

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HS038XW1106K-D GLENAIR-189HS038XW1106K-D Datasheet
220Kb / 2P
Composite Connector Backshell Adapter
319A064XO08A GLENAIR-319A064XO08A Datasheet
319Kb / 2P
Composite Swing-Arm Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
Composite Non-Environmental Backshell
377HS014XM11 GLENAIR-377HS014XM11 Datasheet
429Kb / 2P
Composite Thermoplastic Backshell
712HS416XO GLENAIR-712HS416XO Datasheet
202Kb / 1P
Composite Straight Backshell Adapter
189-039 GLENAIR-189-039 Datasheet
274Kb / 2P
Composite Connector Backshell Adapter
189-038 GLENAIR-189-038 Datasheet
336Kb / 2P
Composite Connector Backshell Adapter
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
Composite Backshell
712-416 GLENAIR-712-416 Datasheet
505Kb / 2P
Composite Straight Backshell Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com