Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

319AS136XM20 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 319AS136XM20
Description  Composite EMI/RFI Shield Sock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319AS136XM20 Datasheet(HTML) 1 Page - Glenair, Inc.

  319AS136XM20 Datasheet HTML 1Page - Glenair, Inc. 319AS136XM20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-18
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-136
Composite EMI/RFI Shield Sock
with Shrink Boot Porch and Self-Locking Rotatable Coupling
Anti Decoupling
Device - TYP
1.25 (31.8) Max
12.00
Min. Standard
Supplied with Standard Nickel/
Copper Braid. See Table III for
Optional Material.
600-052-1 Band
Shrink Sleeve or
Boot Groove - TYP
F
E
.44 (11.2)
TYP
Entry
Dia.
TYP
G
Raised Configuration
(Mfr's Option) TYP
H
J
Finish Symbol
(See Table III)
Entry Diameter
(See Table IV)
Connector Designator
A, F, and H
Product Series
319 - EMI/RFI Shield
Sock Assemblies
319 H S 136 XW 19 12 B R T - 14
Basic Part
Number
Connector
Shell Size
(See Table II)
Custom Braid Length
Specify In Inches
(Omit for Std. 12" Length)
Split Ring / Band Option
Split Ring (687-749) and Band
(600-052-1) supplied with
R option
(Omit for none)
Optional Braid
Material
Omit for Standard
(See Table V)
Angle and Profile
S - Straight
T - 45° Elbow
W - 90° Elbow
Shrink Boot Option
Shrink boot and
o-ring supplied
with T option
(Omit for none)
NOTES
770-001S**-0 shrink boot supplied with T option.
1.
See shrink boot product page for more details.
Coupling nut supplied unplated.
2.
See Table I in Intro for front-end dimensional details.
3.
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II,
and -83723 Series I and III
F MIL-DTL-38999 Series I, II
H MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
STANDARD PROFILE


Similar Part No. - 319AS136XM20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
Composite Shield Sock Strain Relief
319AS137XB10 GLENAIR-319AS137XB10 Datasheet
323Kb / 2P
Composite Shield Sock Strain Relief
319AS137XB12 GLENAIR-319AS137XB12 Datasheet
323Kb / 2P
Composite Shield Sock Strain Relief
319AS137XB14 GLENAIR-319AS137XB14 Datasheet
323Kb / 2P
Composite Shield Sock Strain Relief
319AS137XB16 GLENAIR-319AS137XB16 Datasheet
323Kb / 2P
Composite Shield Sock Strain Relief
More results

Similar Description - 319AS136XM20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
EMI/RFI Shield Sock Shrink Boot Adapter
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
Composite EMI/RFI Ultra Low-Profile Shield Sock
319AS137XB08 GLENAIR-319AS137XB08 Datasheet
323Kb / 2P
Composite Shield Sock Strain Relief
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
EMI/RFI Shield Sock Backshell with Strain-Relief
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
Composite EMI/RFI Single Shield Termination Conduit Fitting
712S271XM GLENAIR-712S271XM Datasheet
258Kb / 2P
Composite Dual EMI/RFI Shield Termination Conduit Fitting
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
Composite EMI/RFI Ultra Low-Profile Shield Sock
319FJ043M16 GLENAIR-319FJ043M16 Datasheet
645Kb / 2P
EMI/RFI Shield Sock Shrink Boot Adapter
500T011E09B04 GLENAIR-500T011E09B04_11 Datasheet
234Kb / 2P
EMI/RFI Shield Sock Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com