Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

377HT014XM13 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 377HT014XM13
Description  Composite Thermoplastic Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

377HT014XM13 Datasheet(HTML) 1 Page - Glenair, Inc.

  377HT014XM13 Datasheet HTML 1Page - Glenair, Inc. 377HT014XM13 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I-6
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
Product Series
Connector Designator
H = MIL-DTL-38999
Series III & IV
Angular Function
S = Straight
T = 45° Solid Elbow
W = 90° Solid Elbow
Basic Number
Finish Symbol
(Table III)
Shell Size
(See Table I)
377 H S 014 XM 11 06 4 G
G = Gland Nut
T = Tubing Adapter,
Glenair Types E, F, P & T
K = Tubing Adapter with Nut
Glenair Types E, F, P & T
TB = Tubing Adapter supplied
with Band, Glenair Types E, F, P & T
TN = Tubing Adapter with Nut
Glenair Types E, F, P & T
(Omit for Standard Shrink Boot Adapter)
Length in 1/2 Inch Increments
(See Note 3)
Optional Entry Size, See Table II
(Omit for Standard, See Table I)
377-014
Composite Thermoplastic Backshell
for Fiber Optic MIL-DTL-38999 Series III & IV Connectors
Band Termination
1.59 (40.4)
Anti-rotation
Device
SYM T - TUBING
ADAPTER
Max
Split Helical
Convoluted Tubing
(Not Supplied)
C
Ref
L Hex Flats
.190 (4.8)
Grommet Key Indicator
(Color White)
Positive Stop
B
SYM S - STRAIGHT
Grommet Key (8 At 45 )
Anti-rotation
Device
A Thread
Length
(See Note 3)
N
M
Ref
SYM G
GLAND NUT
SYM K - PEEK TUBING
ADAPTER WITH NUT
SYM TN - PLASTIC TUBING
ADAPTER WITH NUT
Nut
C
Ref
L
C
on
K Rad Ref
J Approx
G
F
SYM T
Mating Nut Must
Bottom On Shoulder
Stop
L
C
On
K Rad Ref
H Approx
O-Ring
E
D
Ref
1.0 (25.4) Radius
SYM W
25-8
1
2
3
4
5
6
8
7
.20 Dia
8 Places
Applicable
To 25-8 Only
See Table I
Insert Ident.
Cavity
Ident.
B
C
E
D
A
HOLE
PATTERN
See Table I
.120 (3.0) Dia
For No.
of Holes
(See Note 4)
1.000
SHRINK BOOT
ADAPTER (STD.)
Anti-rotation
Device
Max
M
Ref
(25.4)
45º
90º
See P/N Development


Similar Part No. - 377HT014XM13

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
377HS040XB11 GLENAIR-377HS040XB11 Datasheet
217Kb / 1P
Fiber-Optic Strain-Relief Backshell
377HS040XB11 GLENAIR-377HS040XB11 Datasheet
315Kb / 2P
Composite Fiber-Optic Strain-Relief Backshell
377HS040XB11AT GLENAIR-377HS040XB11AT Datasheet
315Kb / 2P
Composite Fiber-Optic Strain-Relief Backshell
377HS040XB11NT GLENAIR-377HS040XB11NT Datasheet
315Kb / 2P
Composite Fiber-Optic Strain-Relief Backshell
377HS040XB11 GLENAIR-377HS040XB11_09 Datasheet
315Kb / 2P
Composite Fiber-Optic Strain-Relief Backshell
More results

Similar Description - 377HT014XM13

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
189HS038XW1106K-D GLENAIR-189HS038XW1106K-D Datasheet
220Kb / 2P
Composite Connector Backshell Adapter
319A064XO08A GLENAIR-319A064XO08A Datasheet
319Kb / 2P
Composite Swing-Arm Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
347A129XM08 GLENAIR-347A129XM08 Datasheet
297Kb / 2P
Composite Shorting Cap Backshell
360AS014XB08 GLENAIR-360AS014XB08 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
Composite Non-Environmental Backshell
712HS416XO GLENAIR-712HS416XO Datasheet
202Kb / 1P
Composite Straight Backshell Adapter
189-039 GLENAIR-189-039 Datasheet
274Kb / 2P
Composite Connector Backshell Adapter
189-038 GLENAIR-189-038 Datasheet
336Kb / 2P
Composite Connector Backshell Adapter
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
Composite Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com